| Zakładka z wyszukiwarką danych komponentów |
|
IXFP22N65X2 Arkusz danych(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXFP22N65X2 Arkusz danych(HTML) 2 Page - IXYS Corporation |
|
2 / 6 page ![]() IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions. IXFA22N65X2 IXFP22N65X2 IXFH22N65X2 Note 1. Pulse test, t 300s, duty cycle, d 2%. IXYS MOSFETs and IGBTs are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065B1 6,683,344 6,727,585 7,005,734B2 7,157,338B2 by one or more of the following U.S. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123B1 6,534,343 6,710,405B2 6,759,692 7,063,975B2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728B1 6,583,505 6,710,463 6,771,478B2 7,071,537 Source-Drain Diode Symbol Test Conditions Characteristic Values (T J = 25C, Unless Otherwise Specified) Min. Typ. Max I S V GS = 0V 22 A I SM Repetitive, pulse Width Limited by T JM 88 A V SD I F = IS, VGS = 0V, Note 1 1.4 V t rr 145 ns Q RM 890 nC I RM 12 A I F = 11A, -di/dt = 100A/μs V R = 100V Symbol Test Conditions Characteristic Values (T J = 25C, Unless Otherwise Specified) Min. Typ. Max g fs V DS = 10V, ID = 0.5 • ID25, Note 1 8 14 S R Gi Gate Input Resistance 1.0 C iss 2190 pF C oss V GS = 0V, VDS = 25V, f = 1MHz 1450 pF C rss 1.3 pF C o(er) 92 pF C o(tr) 330 pF t d(on) 30 ns t r 37 ns t d(off) 42 ns t f 18 ns Q g(on) 37 nC Q gs V GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25 12 nC Q gd 14 nC R thJC 0.32 C/W R thCS TO-220 0.50 C/W TO-247 0.25 C/W Resistive Switching Times V GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25 R G = 10 (External) Effective Output Capacitance Energy related Time related V GS = 0V V DS = 0.8 • VDSS |