| Zakładka z wyszukiwarką danych komponentów |
|
SN74LS74ADE4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS74ADE4 Arkusz danych(HTML) 10 Page - Texas Instruments |
|
10 / 23 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LS74AN3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS74AN3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS74ANE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS74AN SN74LS74ANE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS74AN SN74LS74ANSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS74A SN74LS74ANSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS74A SN74LS74ANSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS74A SN74LS74ANSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS74A SN74S74D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S74 SN74S74D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 S74 SN74S74N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S74N SN74S74N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S74N SN74S74N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74S74N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74S74NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S74N SN74S74NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74S74N SN74S74NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74S74 SN74S74NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74S74 SNJ5474J OBSOLETE CDIP J 14 TBD Call TI Call TI -55 to 125 SNJ5474J OBSOLETE CDIP J 14 TBD Call TI Call TI -55 to 125 SNJ5474W OBSOLETE CFP W 14 TBD Call TI Call TI -55 to 125 |