Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WM8958 Arkusz danych(PDF) 98 Page - Wolfson Microelectronics plc

Numer części WM8958
Szczegółowy opis  Multi-Channel Audio Hub CODEC for Smartphones
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WOLFSON [Wolfson Microelectronics plc]
Strona internetowa  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8958 Arkusz danych(HTML) 98 Page - Wolfson Microelectronics plc

Back Button WM8958 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8958 Datasheet HTML 102Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 377 page
background image
WM8958
Pre-Production
w
PP, August 2012, Rev 3.4
98
In hi-fi mode, the high pass filter is optimised for removing DC offsets without degrading the bass
response and has a cut-off frequency of 3.7Hz when the sample rate (fs) = 44.1kHz.
In voice modes, the high pass filter is optimised for voice communication; it is recommended to set
the cut-off frequency below 300Hz.
Note that the cut-off frequencies scale with the AIF1 sample rate. (The AIF1 sample rate is set using
the AIF1_SR register, as described in the “Clocking and Sample Rates” section.) See Table 43 for the
HPF cut-off frequencies at all supported sample rates.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1040 (0410h)
AIF1 ADC1
Filters
14:13
AIF1ADC1_
HPF_CUT
[1:0]
00
AIF1ADC1 output path (AIF1, Timeslot 0)
Digital HPF cut-off frequency (fc)
00 = Hi-fi mode (fc = 4Hz at fs = 48kHz)
01 = Voice mode 1 (fc = 64Hz at fs = 8kHz)
10 = Voice mode 2 (fc = 130Hz at fs = 8kHz)
11 = Voice mode 3 (fc = 267Hz at fs = 8kHz)
12
AIF1ADC1L_
HPF
0
AIF1ADC1 (Left) output path (AIF1, Timeslot
0) Digital HPF Enable
0 = Disabled
1 = Enabled
11
AIF1ADC1R
_HPF
0
AIF1ADC1 (Right) output path (AIF1, Timeslot
0) Digital HPF Enable
0 = Disabled
1 = Enabled
R1041 (0411h)
AIF1 ADC2
Filters
14:13
AIF1ADC2_
HPF_CUT
[1:0]
00
AIF1ADC2 output path (AIF1, Timeslot 1)
Digital HPF cut-off frequency (fc)
00 = Hi-fi mode (fc = 4Hz at fs = 48kHz)
01 = Voice mode 1 (fc = 64Hz at fs = 8kHz)
10 = Voice mode 2 (fc = 130Hz at fs = 8kHz)
11 = Voice mode 3 (fc = 267Hz at fs = 8kHz)
12
AIF1ADC2L_
HPF
0
AIF1ADC2 (Left) output path (AIF1, Timeslot
1) Digital HPF Enable
0 = Disabled
1 = Enabled
11
AIF1ADC2R
_HPF
0
AIF1ADC2 (Right) output path (AIF1, Timeslot
1) Digital HPF Enable
0 = Disabled
1 = Enabled
Table 42 AIF1 Output Path High Pass Filter
Sample
Frequency
(kHz)
Cut-Off Frequency (Hz) for given value of AIF
nADCn_HPF_CUT
00
01
10
11
8.000
0.7
64
130
267
11.025
0.9
88
178
367
16.000
1.3
127
258
532
22.050
1.9
175
354
733
24.000
2.0
190
386
798
32.000
2.7
253
514
1063
44.100
3.7
348
707
1464
48.000
4.0
379
770
1594
88.200
7.4
696
1414
2928
96.000
8.0
758
1540
3188
Table 43 AIF1 Output Path High Pass Filter Cut-Off Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com