| Zakładka z wyszukiwarką danych komponentów |
|
UA78L02ACLP Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UA78L02ACLP Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 20 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Aug-2014 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples UA78L05CLP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 78L05C UA78L05CLPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 78L05C UA78L05CLPR ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 78L05C UA78L05CPK ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 B5 UA78L05CPKG3 ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 B5 UA78L05QLP OBSOLETE TO-92 LP 3 TBD Call TI Call TI UA78L05QLPR OBSOLETE TO-92 LP 3 TBD Call TI Call TI UA78L06ACLP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 78L06AC UA78L06ACLPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 78L06AC UA78L06ACLPR ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 78L06AC UA78L06ACLPRE3 ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 78L06AC UA78L06ACPK ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 F6 UA78L06ACPKG3 ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 F6 UA78L08ACD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 78L08A UA78L08ACDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 78L08A UA78L08ACDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM 0 to 125 78L08A UA78L08ACDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 125 78L08A UA78L08ACLP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 78L08AC UA78L08ACLPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type 0 to 125 78L08AC |