| Zakładka z wyszukiwarką danych komponentów |
|
VT82C596B Arkusz danych(PDF) 47 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT82C596B Arkusz danych(HTML) 47 Page - List of Unclassifed Manufacturers |
|
47 / 96 page ![]() VT82C596B Revision 0.3 June 17, 1999 -41- PCI Function 0 Registers - PCI-to-ISA Bridge 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Distributed DMA / Serial IRQ Control Offset 61-60 - Distributed DMA Ch 0 Base / Enable......RW 15-4 Channel 0 Base Address Bits 15-4 .......... default = 0 3 Channel 0 Enable 0 Disable ...................................................default 1Enable 2-0 Reserved ........................................ always reads 0 Offset 63-62 - Distributed DMA Ch 1 Base / Enable......RW 15-4 Channel 1 Base Address Bits 15-4 .......... default = 0 3 Channel 1 Enable 0 Disable ...................................................default 1Enable 2-0 Reserved ........................................ always reads 0 Offset 65-64 - Distributed DMA Ch 2 Base / Enable......RW 15-4 Channel 2 Base Address Bits 15-4 .......... default = 0 3 Channel 2 Enable 0 Disable ...................................................default 1Enable 2-0 Reserved ........................................ always reads 0 Offset 67-66 - Distributed DMA Ch 3 Base / Enable......RW 15-4 Channel 3 Base Address Bits 15-4 .......... default = 0 3 Channel 3 Enable 0 Disable ...................................................default 1Enable 2-0 Reserved ........................................ always reads 0 Offset 69-68 – Serial IRQ Control ...................................RW 15-4 Reserved ........................................ always reads 0 3 Serial IRQ Enable 0 Disable ...................................................default 1Enable 2 Serial IRQ Mode 0 Continuous Mode ...................................default 1 Quiet Mode 1-0 Start-Frame Width 00 4 PCI Clocks ..........................................default 01 6 PCI Clocks 10 8 PCI Clocks 11 -reserved- The frame size is fixed at 21 PCI clocks. Offset 6B-6A - Distributed DMA Ch 5 Base / Enable.... RW 15-4 Channel 5 Base Address Bits 15-4........... default = 0 3 Channel 5 Enable 0 Disable................................................... default 1Enable 2-0 Reserved ........................................ always reads 0 Offset 6D-6C - Distributed DMA Ch 6 Base / Enable ... RW 15-4 Channel 6 Base Address Bits 15-4........... default = 0 3 Channel 6 Enable 0 Disable................................................... default 1Enable 2-0 Reserved ........................................ always reads 0 Offset 6F-6E - Distributed DMA Ch 7 Base / Enable .... RW 15-4 Channel 7 Base Address Bits 15-4........... default = 0 3 Channel 7 Enable 0 Disable................................................... default 1Enable 2-0 Reserved ........................................ always reads 0 |