| Zakładka z wyszukiwarką danych komponentów |
|
SS109ESOT Arkusz danych(PDF) 3 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS109ESOT Arkusz danych(HTML) 3 Page - SEC Electronics Inc. |
|
3 / 6 page ![]() SS109 Unipolar Hall Switch 3 V3.10 Nov 1, 2013 General Electrical Specifications DC Operating Parameters TA = 25°C, VDD= 3.5V to 24V (unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Supply Voltage VDD Operating 3.5 24 V Supply Current IDD B < BRP 5 mA Output Saturation Voltage VDSon IOUT = 20mA, B > BOP 0.5 V Output Leakage Current IOFF B < BRP VOUT = 24V 1 10 µA Output Rise Time tr RL = 1k Ω, C L = 20pF 0.25 µs Output Fall Time tf RL = 1k Ω, C L = 20pF 0.25 µs Maximum Switching Frequency FSW --- 10 KHz Package Thermal Resistance RTH Single layer (1S) Jedec board 301 °C/W Note: The output of SS109 will be switched after the supply voltage is over 2.2V, but the magnetic characteristics won't be normal until the supply is over 3.5V. Magnetic Specifications DC Operating Parameters VDD = 3.5V to 24V (unless otherwise specified) Package Parameter Symbol Test Conditions Min Typ Max Units UA Operating Point BOP Ta=25°C,Vdd=12V DC -160 -120 -100 G Release Point BRP -140 -85 -50 G Hysteresis BHYST 20 35 50 G SO Operating Point BOP Ta=25°C,Vdd=12V DC 100 120 160 G Release Point BRP 50 85 140 G Hysteresis BHYST 20 35 50 G Output Behavior versus Magnetic Pole DC Operating Parameters TA = -40°C to 150°C, VDD = 3.5V to 24V (unless otherwise specified) Test Conditions (UA) Test Conditions (SO) OUT B > BRP B < BRP High B < BOP B > BOP Low The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be turned on(drops low) in the presence of a sufficiently strong South pole magnetic field applied to the marked face. |