| Zakładka z wyszukiwarką danych komponentów |
|
SS247EUA Arkusz danych(PDF) 4 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS247EUA Arkusz danych(HTML) 4 Page - SEC Electronics Inc. |
|
4 / 8 page ![]() SS247 CMOS Omnipolar High Sensitivity Micropower Hall Switch 4 V3.10 Nov 1, 2013 Absolute Maximum Ratings Parameter Symbol Value Units Supply Voltage(operating) VDD 6 V Supply Current IDD 5 mA Output Voltage VOUT 6 V Output Curent IOUT 5 mA Operating Temperature Range TA -40 to 85 °C Storage Temperature Rang TS -50 to 150 °C ESD Sensitivity - 4000 V Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum rated conditions for ex- tended periods may affect device reliability. DC Electrical Characteristics DC Operating Parameters: TA = 25°C, VDD=2.75V. Parameter Symbol Test Conditions Min Typ Max Units Operating voltage VDD Operating 2.5 3 5.5 V Supply current IDD Average 5 μA Output Current IOUT 1.0 mA Saturation Voltage VSAT IOUT=1mA 0.4 V Awake mode time TAW Operating 175 μS Sleep mode time TSL Operating 70 mS Magnetic Characteristics Magnetic Flux(Gauss) ON BOPS BRPS BOPN BRPN OF Output Voltage(V) 0 40 20 60 80 -6 -8 -4 -20 30 20 15 10 0.5 0 25 |