| Zakładka z wyszukiwarką danych komponentów |
|
LM5073MHX/NOPB Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5073MHX/NOPB Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 27 page ![]() UVLO VIN RCLASS FAUX DCCL VEE RAUX SD nSD nPGOOD NC RTN NC UVLORTN LM5073 1 2 3 4 5 7 6 14 13 12 11 10 8 9 LM5073 SNVS490C – MARCH 2007 – REVISED APRIL 2013 www.ti.com Connection Diagram 14 Lead HTSSOP-EP PIN DESCRIPTIONS Pin Number Name Description 1 UVLORTN Return for the external UVLO programming resistor divider. 2 UVLO Line under-voltage lockout programming pin. 3 VIN Positive supply pin for the PD interface and the DC-DC converter interface. 4 RCLASS PD Classification programming pin. 5 FAUX Front auxiliary power enable pin. 6 DCCL PD interface DC current limit programming pin. Negative supply pin for the PD interface; connected to PoE and/or front auxiliary 7 VEE power return path. 8 NC No internal connection. DC-DC converter power return; connected to the drain of the internal PD interface 9 RTN hot swap MOSFET. 10 NC No internal connection. PD interface power good delay and indicator. nPGOOD is low when the hot swap 11 nPGOOD MOSFET drain to source voltage is less than 1.5V. Open drain, active low shut down signal to the DC-DC converter. The nSD pin 12 nSD switches to the high impedance state when nPGOOD is less than 2.5V. Open drain, active high shut down signal to the DC-DC converter. The SD pin 13 SD switches to the low state when nPGOOD is less than 2.5V. 14 RAUX Rear auxiliary power enable pin, and dominant/non-dominant selection. Exposed metal pad on the underside of the device. It is recommended to connect EP this pad to a PC Board plane connected to the VEE pin to improve heat dissipation. These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 2 Submit Documentation Feedback Copyright © 2007–2013, Texas Instruments Incorporated Product Folder Links: LM5073 |