| Zakładka z wyszukiwarką danych komponentów |
|
TMS320LC31 Arkusz danych(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320LC31 Arkusz danych(HTML) 15 Page - Texas Instruments |
|
15 / 48 page ![]() TMS320C31, TMS320LC31 DIGITAL SIGNAL PROCESSORS SPRS035B – MARCH 1996 – REVISED JANUARY 1999 15 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 PARAMETER MEASUREMENT INFORMATION timing parameter symbology Timing parameter symbols used herein were created in accordance with JEDEC Standard 100-A. In order to shorten the symbols, some of the pin names and other related terminology have been abbreviated as follows, unless otherwise noted: A A23 – A0 H H1 and H3 ASYNCH Asynchronous reset signals HOLD HOLD C CLKX0 HOLDA HOLDA CI CLKIN IACK IACK CLKR CLKR0 INT INT3 – INT0 CONTROL Control signals RDY RDY D D31 – D0 RW R / W DR DR RESET RESET DX DX S STRB FS FSX/R SCK CLKX/R FSX FSX0 SHZ SHZ FSR FSR0 TCLK TCLK0, TCLK1, or TCLKx GPI General-purpose input XF XF0, XF1, or XFx GPIO General-purpose input/output; peripheral pin XFIO XFx switching from input to output GPO General-purpose output |