Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCM2902CDB Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części PCM2902CDB
Szczegółowy opis  Single-Ended Analog Input/Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2902CDB Arkusz danych(HTML) 3 Page - Texas Instruments

  PCM2902CDB Datasheet HTML 1Page - Texas Instruments PCM2902CDB Datasheet HTML 2Page - Texas Instruments PCM2902CDB Datasheet HTML 3Page - Texas Instruments PCM2902CDB Datasheet HTML 4Page - Texas Instruments PCM2902CDB Datasheet HTML 5Page - Texas Instruments PCM2902CDB Datasheet HTML 6Page - Texas Instruments PCM2902CDB Datasheet HTML 7Page - Texas Instruments PCM2902CDB Datasheet HTML 8Page - Texas Instruments PCM2902CDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
PCM2900C
PCM2902C
www.ti.com
SBFS039
– SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data, unless otherwise noted.
PCM2900C, PCM2902C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Host interface
Apply USB Revision 2.0, full speed
Audio data format
USB isochronous data format
INPUT LOGIC
D+, D
–
2
3.3
VDC
XTI, HID0, HID1,
2.52
3.3
VDC
High-level input
and HID2
VIH
voltage
SEL0, SEL1
2
5.25
VDC
DIN (PCM2902C)
2.52
5.25
VDC
D+, D
–
0.8
VDC
XTI, HID0, HID1,
0.9
VDC
Low-level input
and HID2
VIL
voltage
SEL0, SEL1
0.8
VDC
DIN (PCM2902C)
0.9
VDC
D+, D
–, XTI, SEL0,
±10
μA
SEL1
High-level input
IIH
HID0, HID1, and
VIN = 3.3 V
voltage
50
80
μA
HID2
DIN (PCM2902C)
65
100
μA
D+, D
–, XTI, SEL0,
±10
μA
SEL1
Low-level input
IIL
HID0, HID1, and
VIN = 0 V
voltage
±10
μA
HID2
DIN (PCM2902C)
±10
μA
OUTPUT LOGIC
D+, D
–
2.8
VDC
High-level
DOUT
VOH
IOH = –4 mA
2.8
VDC
output voltage
(PCM2902C)
SSPND
IOH = –2 mA
2.8
VDC
D+, D
–
0.3
VDC
Low-level output DOUT
VOL
IOL = 4 mA
0.5
VDC
voltage
(PCM2902C)
SSPND
IOL = 2 mA
0.5
VDC
CLOCK FREQUENCY
Input clock frequency, XTI
11.994
12
12.008
MHz
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com