Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SST511 Arkusz danych(PDF) 1 Page - Linear Integrated Systems

Numer części SST511
Szczegółowy opis  CURRENT REGULATING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAR [Linear Integrated Systems]
Strona internetowa  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SST511 Arkusz danych(HTML) 1 Page - Linear Integrated Systems

  SST511 Datasheet HTML 1Page - Linear Integrated Systems SST511 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
SECOND SOURCE FOR SILICONIX SST502 SERIES
WIDE CURRENT RANGE
0.43 to 4.7mA
BIASING NOT REQUIRED
VGS = 0V
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to 150°C
Junction Operating Temperature
-55 to 135°C
Maximum Power Dissipation
Continuous Power Dissipation
350mW
Maximum Currents
Forward Current
20mA
Reverse Current
50mA
Maximum Voltages
Peak Operating Voltage
POV = 50V
COMMON ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX UNITS
CONDITIONS
POV
Peak Operating Voltage
2
45
V
IF = 1.1IF(max)
VR
Reverse Voltage
0.8
V
IR = 1mA
CF
Forward Capacitance
1.5
pF
VF = 25V, f = 1MHz
SPECIFIC ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
Forward Current
3
IF
Dynamic Impedance
4
Zd
Knee
Impedance
Zk
Limiting Voltage
5
VL
VF = 25V
VF = 25V
VF = 6V
IF = 0.8IF(min)
PART
MIN
NOM
MAX
MIN
TYP
TYP
TYP
MAX
SST502
0.344
0.43
0.516
1.0
2.7
0.7
1.5
0.6
SST503
0.448
0.56
0.672
0.7
2.0
0.5
1.7
0.7
SST504
0.600
0.75
0.900
0.5
1.5
0.4
1.9
0.8
SST505
0.800
1.00
1.200
0.4
1.0
0.3
2.1
0.9
SST506
1.120
1.40
1.680
0.3
0.8
0.2
2.5
1.1
SST507
1.440
1.80
2.160
0.2
0.6
0.12
2.8
1.3
SST508
1.900
2.40
2.900
0.1
0.4
0.08
3.1
1.5
SST509
2.400
3.00
3.600
0.09
0.3
0.06
3.5
1.7
SST510
2.900
3.60
4.300
0.08
0.3
0.04
3.9
1.9
SST511
3.800
4.70
5.600
0.07
0.2
0.03
4.2
2.1
A
K
A
K
1
2
3
SOT-23
TOP VIEW
A
K
K
Short Pins 2 & 3
via PCB trace.
Linear Integrated Systems
SST502 SERIES
CURRENT REGULATING
DIODES
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Podobny numer części - SST511

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Calogic, LLC
SST511 CALOGIC-SST511 Datasheet
23Kb / 2P
Current Regulator Diode
logo
Vishay Siliconix
SST511 VISHAY-SST511 Datasheet
61Kb / 5P
Current Regulator Diodes-POV(min) 45 V
02-Jul-01
SST511 VISHAY-SST511 Datasheet
43Kb / 5P
Current Regulator Diodes—POV(min) 45 V
02-Jul-01
logo
Micross Components
SST511 MICROSS-SST511 Datasheet
367Kb / 1P
Linear Systems replaces discontinued Siliconix SST511
logo
Calogic, LLC
SST511 CALOGIC-SST511 Datasheet
208Kb / 2P
Simple Two Lead Current Sources
More results

Podobny opis - SST511

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Integrated Syste...
J500 LINEAR-J500 Datasheet
223Kb / 2P
CURRENT REGULATING DIODES
logo
Vishay Siliconix
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
Surface Mount Power Voltage-Regulating Diodes
20-Sep-07
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
20-Oct-08
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
20-Oct-08
logo
Formosa MS
FCRD3005P8 FORMOSA-FCRD3005P8 Datasheet
357Kb / 3P
Current Regulating Di ode
logo
Vishay Siliconix
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
25-May-12
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
12-Mar-2019
Z4KE100A VISHAY-Z4KE100A Datasheet
87Kb / 5P
Glass Passivated Power Voltage-Regulating Diodes
30-Jan-13
Z4KE100A VISHAY-Z4KE100A_V01 Datasheet
93Kb / 4P
Glass Passivated Power Voltage-Regulating Diodes
30-Mar-17
More results


Html Pages

1 2