| Zakładka z wyszukiwarką danych komponentów |
|
24AA256UID-I/P Arkusz danych(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA256UID-I/P Arkusz danych(HTML) 25 Page - Microchip Technology |
|
25 / 28 page ![]() 2013 Microchip Technology Inc. DS20005215A-page 25 24AA256UID PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. X /XX Package Temperature Range Device Device: 24AA256UID = 256 Kbit 1.7V I2C Serial EEPROM, with EUI-48 and EUI-64 Node Identities and 32-bit Serial Number 24AA256UIDT = 256 Kbit 1.7V I2C Serial EEPROM, with EUI-48 and EUI-64 Node Identities and 32-bit Serial Number (Tape and Reel) Temperature Range: I= -40 C to +85C Package: P = Plastic DIP (300 mil body), 8-lead SN = Plastic SOIC (3.90 mm body), 8-lead ST = Plastic TSSOP (4.4 mm), 8-lead Examples: a) 24AA256UID-I/P: Industrial Temp., 1.7V, PDIP package. b) 24AA256UIDT-I/SN: Tape and Reel, Industrial Temp., 1.7V, SOIC package. c) 24AA256UID-I/ST: Industrial Temp., 1.7V, TSSOP package. |