Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

11AA02UID-I/SN Arkusz danych(PDF) 19 Page - Microchip Technology

Numer części 11AA02UID-I/SN
Szczegółowy opis  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UID-I/SN Arkusz danych(HTML) 19 Page - Microchip Technology

Back Button 11AA02UID-I/SN Datasheet HTML 15Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 16Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 17Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 18Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 19Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 20Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 21Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 22Page - Microchip Technology 11AA02UID-I/SN Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2013 Microchip Technology Inc.
DS20005206A-page 19
11AA02UID
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
Part Number
1st Line Marking Code
SOT-23
SOIC
I Temp.
I Temp.
11AA02UID
AABNNN
11A2UIDT
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
Example:
SN
1328
11A2UIDI
1L7
3
e
3-Lead SOT-23
XXXNNN
Example:
AAB1L7
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32