Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

11AA02UID-I/TT Arkusz danych(PDF) 16 Page - Microchip Technology

Numer części 11AA02UID-I/TT
Szczegółowy opis  2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA02UID-I/TT Arkusz danych(HTML) 16 Page - Microchip Technology

Back Button 11AA02UID-I/TT Datasheet HTML 12Page - Microchip Technology 11AA02UID-I/TT Datasheet HTML 13Page - Microchip Technology 11AA02UID-I/TT Datasheet HTML 14Page - Microchip Technology 11AA02UID-I/TT Datasheet HTML 15Page - Microchip Technology 11AA02UID-I/TT Datasheet HTML 16Page - Microchip Technology 11AA02UID-I/TT Datasheet HTML 17Page - Microchip Technology 11AA02UID-I/TT Datasheet HTML 18Page - Microchip Technology 11AA02UID-I/TT Datasheet HTML 19Page - Microchip Technology 11AA02UID-I/TT Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
11AA02UID
DS20005206A-page 16
 2013 Microchip Technology Inc.
5.0
DATA PROTECTION
The following protection has been implemented to
prevent inadvertent writes to the array:
• The Write Enable Latch (WEL) is reset on power-
up
•A Write Enable (
WREN) instruction must be issued
to set the write enable latch
• After a write, ERAL, SETAL, or WRSR command,
the write enable latch is reset
• Commands to access the array or write to the
STATUS register are ignored during an internal
write cycle and programming is not affected
6.0
POWER-ON STATE
The 11AA02UID powers on in the following state:
• The device is in low-power Shutdown mode,
requiring a low-to-high transition on SCIO to enter
Idle mode
• The Write Enable Latch (WEL) is reset
• The internal Address Pointer is undefined
• A low-to-high transition, standby pulse and subse-
quent high-to-low transition on SCIO (the first low
pulse of the header) are required to enter the
active state
.
TABLE 6-1:
WRITE PROTECT FUNCTIONALITY MATRIX
WEL
Protected Blocks
Unprotected Blocks
Status Register
0
Protected
Protected
Protected
1
Protected
Writable
Writable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32