| Zakładka z wyszukiwarką danych komponentów |
|
23LC1024T-E/ST/P Arkusz danych(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
23LC1024T-E/ST/P Arkusz danych(HTML) 10 Page - Microchip Technology |
|
10 / 32 page ![]() 23A1024/23LC1024 DS20005142C-page 10 2012-2015 Microchip Technology Inc. 2.5 Read Mode Register Instruction (RDMR) The Read Mode Register instruction (RDMR) provides access to the MODE register. The MODE register may be read at any time. The MODE register is formatted as follows: TABLE 2-2: MODE REGISTER The mode bits indicate the operating mode of the SRAM. The possible modes of operation are: 0 0 = Byte mode 1 0 = Page mode 0 1 = Sequential mode (default operation) 1 1 = Reserved Bits 0 through 5 are reserved and should always be set to ‘0’. See Figure 2-7 for the RDMR timing sequence. FIGURE 2-7: READ MODE REGISTER TIMING SEQUENCE (RDMR) 76 5 4 3 2 1 0 W/R W/R – – – – – – MODE MODE 00 0 0 0 0 W/R = writable/readable SO SI CS 9 1011 12131415 11 0 0 0 0 00 76 5 4 2 1 0 Instruction Data from MODE Register High-Impedance SCK 0 2 34 56 7 1 8 3 |