| Zakładka z wyszukiwarką danych komponentów |
|
25LC256XTI/ST Arkusz danych(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC256XTI/ST Arkusz danych(HTML) 29 Page - Microchip Technology |
|
29 / 32 page ![]() 2003-2013 Microchip Technology Inc. DS21822G-page 29 25AA256/25LC256 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Tape & Reel Device Device: 25AA256 25LC256 25AA256X 25LC256X 256k-bit, 1.8V, 64-Byte Page, SPI Serial EEPROM 256k-bit, 2.5V, 64-Byte Page, SPI Serial EEPROM 256k-bit, 1.8V, 64-Byte Page, SPI Serial EEPROM, rotated pinout (ST only) 256k-bit, 2.5V, 64-Byte Page, SPI Serial EEPROM, rotated pinout (ST only) Tape & Reel: Blank = T= Standard packaging (tube) Tape & Reel Temperature Range: I= E= -40 C to+85C -40 C to+125C Package: MF = P= SN = ST = SM = Micro Lead Frame (6 x 5 mm body), 8-lead Plastic DIP (300 mil body), 8-lead Plastic SOIC (3.90 mml body), 8-lead TSSOP, 8-lead Plastic SOIC (5.28 mm body), 8-lead Examples: a) 25AA256T-I/SN = 256 kbit, 1.8V Serial EEPROM, Industrial temp., Tape & Reel, SOIC package b) 25AA256T-I/ST = 256 kbit, 1.8V Serial EEPROM, Industrial temp., Tape & Reel, TSSOP package c) 25LC256-I/P = 256 kbit, 2.5V Serial EEPROM, Industrial temp., P-DIP package d) 25LC256T-E/ST = 256 kbit, 2.5V Serial EEPROM, Extended temp., Tape & Reel, TSSOP package e) 25LC256XT-I/ST = 256 kbit, 2.5V Serial EEPROM, Industrial temp., Tape and Reel, Rotated TSSOP package f) 25AA256T-E/SN = 256 kbit, 1.8V Serial EEPROM, Extended temp., Tape and Reel, SOIC package – X Temp Range |