| Zakładka z wyszukiwarką danych komponentów |
|
TL034ACDR Arkusz danych(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL034ACDR Arkusz danych(HTML) 31 Page - Texas Instruments |
|
31 / 74 page ![]() TL03x, TL03xA ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS180C − FEBRUARY 1997 − REVISED DECEMBER 2001 31 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 22 0 1 k f − Frequency − Hz 5 10 15 20 25 30 10 k 100 k 1 M TA = 125°C VCC± = ±15 V TA = −55°C VCC± = ±5 V MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE† vs FREQUENCY RL = 10 kΩ Figure 23 0 0 |IO| − Output Current − mA 1 2 3 4 5 5 101520 VOM+ VOM− VCC± = ±5 V TA = 25°C MAXIMUM PEAK OUTPUT VOLTAGE vs OUTPUT CURRENT Figure 24 0 0 |IO| − Output Current − mA 5 10 15 202530 2 4 6 8 10 12 14 16 VOM− VOM+ VCC± = ±15 V TA = 25°C MAXIMUM PEAK OUTPUT VOLTAGE vs OUTPUT CURRENT Figure 25 −5 −75 TA − Free-Air Temperature − °C −4 −3 −2 −1 0 1 2 3 4 5 −50 −25 0 25 50 75 100 125 VOM+ VOM− VCC± = ±5 V RL = 10 kΩ MAXIMUM PEAK OUTPUT VOLTAGE† vs FREE-AIR TEMPERATURE † Data at high and low temperatures are applicable only within the recommended operating free-air temperature ranges of the various devices. |