| Zakładka z wyszukiwarką danych komponentów |
|
AR1011T-I/SS Arkusz danych(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1011T-I/SS Arkusz danych(HTML) 19 Page - Microchip Technology |
|
19 / 61 page ![]() 2009-2016 Microchip Technology Inc. DS40001393C-page 19 AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER 5.2 SPI Pin Voltage Level Characteristics 5.3 Data Flow SPI data is transferred by the host clocking the AR1021 controller’s Serial Clock (SCK) pin. Each host driven clock cycle simultaneously shifts a bit of data into and out from the AR1021 controller: • Out from the AR1021 controller’s Serial Data Out (SDO) line. • Into the AR1021 controller’s Serial Data In (SDI) line. The data is shifted Most Significant bit (MSb) first. If the host clocks data out from the AR1021 controller when no valid data is available, then a byte value of 0x4d will be presented by the controller. 5.4 Touch Report Protocol The AR1021 controller’s touch reporting is interrupt driven: • The AR1021 controller asserts the SIQ interrupt pin high when it has a touch report ready. • The host clocks out the bytes of the touch report packet from the AR1021 controller. • The AR1021 controller clears the SIQ interrupt pin low, after the first byte of the touch report packet has been clocked out by the host. The communication protocol for the AR1021 controller reporting touches to the host as shown below in Figure 5-1. FIGURE 5-1: SPI TOUCH REPORT PROTOCOL TABLE 5-2: SPI PIN VOLTAGE CHARACTERISTICS Operating Voltage: 2.5V ≤ VDD ≤ 5.25V Function Pin Input Output SCK SCL/SCK/TX VSS ≤ VIL ≤ 0.2*VDD 0.8*VDD ≤ VIH ≤ VDD — SDI SDI/SDA/RX VSS ≤ VIL ≤ 0.2*VDD 0.8*VDD ≤ VIH ≤ VDD — SDO SDO — VSS ≤ VOL(1) ≤ (1.2V – 0.15*VDD)(2) (1.25*VDD – 2.25V)(3) ≤ VOH(1) ≤ VDD SIQ SIQ — VSS ≤ VOL(1) ≤ (1.2V – 0.15*VDD)(2) (1.25*VDD – 2.25V)(3) ≤ VOH(1) ≤ VDD SS SS VSS ≤ VIL ≤ 0.2*VDD 0.8*VDD ≤ VIH ≤ VDD Note 1: These parameters are characterized but not tested. 2: At 10 mA. 3: At -4 mA. |