| Zakładka z wyszukiwarką danych komponentów |
|
DSC2011FE2 Arkusz danych(PDF) 2 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
DSC2011FE2 Arkusz danych(HTML) 2 Page - Micrel Semiconductor |
|
2 / 6 page ![]() ______________________________________________________________________________________________________________________________________________ DSC2011 Page 2 MK-Q-B-P-D-12042602-2 DSC2011 Low-Jitter Configurable Dual CMOS Oscillator Pin Description Pin No. Pin Name Pin Type Description 1 Enable I Enables outputs when high and disables when low 2 NC NA Leave unconnected or grounded 3 O2S0 I Least significant bit for drive strength selection for Output 2 4 GND Power Ground 5 FS0 I Least significant bit for frequency selection 6 FS1 I Middle bit for frequency selection 7 FS2 I Most significant bit for frequency selection 8 Output1 O CMOS output 1 9 O1S0 I Least significant bit for drive strength selection for output 1 10 O1S1 I Most significant bit for drive strength selection for output 1 11 Output2 O CMOS output 2 12 VDD2 Power Power Supply for Output 2 13 VDD Power Power Supply 14 O2S1 I Most significant bit for drive strength selection for output 2 Operational Description The DSC2011 is a dual output CMOS oscillator consisting of a MEMS resonator and a support PLL IC. The two CMOS outputs are generated through independent 8-bit programmable dividers from the output of the internal PLL. For temp ranges up to Industrial, two constraints are imposed on the output frequencies: 1) f2=M x f1/N, where M and N are even integers between 4 and 254, 2) 1.2GHz < N x f2 < 1.7GHz. Please consult factory for acceptable frequency combinations for other temp ranges. The actual frequencies output by the DSC2011 are controlled by an internal pre-programmed memory (OTP). This memory stores all coefficients required by the PLL for up to eight different frequency combinations. Three control pins (FS0 – FS2) select the output frequency combination. Discera supports customer defined versions of the DSC2011. Standard frequency options are described in in the following sections. The DSC2011 has independent control of the output voltage levels of the two outputs. The high voltage level of Output 1 is equal to the main supply voltage, VDD (pin 13). VDD2 (pin 12) sets the high voltage level of Output 2. VDD2 must be equal to or less than VDD at all times to insure proper operation. VDD2 can be as low as 1.65V. When Enable (pin 1) is floated or connected to VDD, the DSC2011 is in operational mode. Driving Enable to ground will tri-state both output drivers (hi-impedance mode). The DSC2011 has programmable output drive strength for each output. Using two control pins (OXS0-OXS1) for each output, the drive strength can be independently adjusted to match circuit board impedances to reduce power supply noise, overshoot/undershoot and EMI. Table 1 displays typical rise / fall times for the output with a 15pf load capacitance as a function of these control pins at VDD=3.3V and room temperature. Table 1. Rise/Fall times for drive strengths Output Drive Strength Bits [OXS1, OXS0] - Default [11] 00 01 10 11 tr (ns) 1.6 1.4 1.2 1.1 tf (ns) 2.4 2.2 1.5 1.4 |