| Zakładka z wyszukiwarką danych komponentów |
|
LP2954 Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2954 Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 28 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-Jul-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2954AIM NRND SOIC D 8 95 TBD Call TI Call TI -40 to 125 LP295 4AIM LP2954AIM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP295 4AIM LP2954AIMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP295 4AIM LP2954AIS LIFEBUY DDPAK/ TO-263 KTT 3 45 TBD Call TI Call TI -40 to 125 LP2954AIS LP2954AIS/NOPB ACTIVE DDPAK/ TO-263 KTT 3 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP2954AIS LP2954AISX NRND DDPAK/ TO-263 KTT 3 TBD Call TI Call TI -40 to 125 LP2954AIS LP2954AISX/NOPB ACTIVE DDPAK/ TO-263 KTT 3 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP2954AIS LP2954AIT/NOPB ACTIVE TO-220 NDE 3 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP2954AIT LP2954IM NRND SOIC D 8 95 TBD Call TI Call TI -40 to 125 LP29 54IM LP2954IM/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP29 54IM LP2954IMX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP29 54IM LP2954IS/NOPB ACTIVE DDPAK/ TO-263 KTT 3 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP2954IS LP2954ISX/NOPB ACTIVE DDPAK/ TO-263 KTT 3 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP2954IS LP2954IT/NOPB ACTIVE TO-220 NDE 3 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP2954IT (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |