| Zakładka z wyszukiwarką danych komponentów |
|
WM8739LEDS Arkusz danych(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8739LEDS Arkusz danych(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 35 page ![]() WM8739 / WM8739L Advanced Information AI Rev 2.2 September 2001 3 PIN CONFIGURATION (QFN) ORDERING INFORMATION (QFN) DEVICE AVDD RANGE PACKAGE XWM8739EFL 2.7 to 3.6V XWM8739LEFL 1.8 to 3.6V 28-pin QFN (5x5x0.9 mm) NC NC NC ADCLRC ADCDAT DNC DNC 28 27 26 25 24 23 22 NC RLINEIN LLINEIN MODE CSB SDIN SCLK 1 234 5 6 7 8 10 9 11 14 13 12 21 20 19 18 17 16 15 PIN DESCRIPTION (QFN PACKAGE) PIN NAME TYPE DESCRIPTION 1 XTI/MCLK Digital Input Crystal Input or Master Clock Input (MCLK) 2 XTO Digital Output Crystal Output 3 DCVDD Supply Digital Core VDD 4 DGND Ground Digital GND 5 DBVDD Supply Digital Buffers VDD 6NC No Internal Connection 7 BCLK Digital Input/Output Digital Audio Port Clock 8, 9 DNC Test pin Do not connect (leave this pin floating) 10 ADCDAT Digital Output ADC Digital Audio Data Output 11 ADCLRC Digital Input/Output ADC Sample Rate Clock 12 - 17 NC No Internal Connection 18 AVDD Supply Analogue VDD 19 AGND Ground Analogue GND 20 VMID Analogue Output Mid-rail reference decoupling point 21, 22 NC No Internal Connection 23 RLINEIN Analogue Input Right Channel Line Input (AC coupled) 24 LLINEIN Analogue Input Left Channel Line Input (AC coupled) 25 MODE Digital Input Control Interface Selection, Pull up (on power up only) 26 CSB Digital Input 3-Wire MPU Chip Select/ 2-Wire MPU interface address selection |