| Zakładka z wyszukiwarką danych komponentów |
|
CS5516-AP Arkusz danych(PDF) 29 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5516-AP Arkusz danych(HTML) 29 Page - Cirrus Logic |
|
29 / 41 page ![]() Digital Outputs BX1 and BX2 - AC Bridge Excitation Signals, PINS 12, 11. These can be buffered to drive the transducer or used as synchronizing signals for a transducer drive circuit. BX1 and BX2 are 0 to +5V signals. DRDY - Data Ready, PIN 15. DRDY goes low every 81,920 cycles of XIN (when in read conversion data mode) to indicate that new data has been placed in the output port. DRDY goes high when all the serial port data is clocked out, when the serial port is being updated with new data, when a calibration is in progress, or when the device is in SLEEP. SOD - Serial Output Data, PIN 18. Data from the serial port will be output from this pin at a rate determined by SCLK . The data will either be conversion data, or, calibration values, dependent upon the command word that has been previously input on the SID pin. The SOD pin furnishes a high impedance output state when not transmitting data (SMODE = 0). ORDERING GUIDE Model Number Linearity Error (Max) Temperature Range Package CS5516-AP 0.003% -40 °C to +85°C 24-pin 0.3" Plastic DIP CS5516-AS 0.003% -40 °C to +85°C 24-pin 0.3" SOIC CS5520-BP 0.0015% -40 °C to +85°C 24-pin 0.3" Plastic DIP CS5520-BS 0.0015% -40 °C to +85°C 24-pin 0.3" SOIC CS5516, CS5520 DS74F1 29 DS74F2 29 ORDERING INFORMATION ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Package Resolution Liearity Error Channels Temperature CS5516-AP 24-pin Plastic DIP 16 Bits 0.0030% 4 -40 to +85 °C CS5516-AS 24-pin SOIC CS5516-ASZ (lead free) CS5520-BP 24-pin Plastic DIP 20 Bits 0.0015% CS5520-BS 24-pin SOIC CS5520-BSZ (lead free) Model Number Peak Reflow Temp MSL Rating* Max Floor Life CS5516-AP 260 °C 1 No Limit CS5516-AS 240 °C 2 365 Days CS5516-ASZ (lead free) 260 °C 3 7 Days CS5520-BP 260 °C 1 No Limit CS5520-BS 240 °C 2 365 Days CS5520-BSZ (lead free) 260 °C 3 7 Days |