Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HV254 Arkusz danych(PDF) 8 Page - Supertex, Inc

Numer części HV254
Szczegółowy opis  32-Channel High Voltage Amplifier Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV254 Arkusz danych(HTML) 8 Page - Supertex, Inc

Back Button HV254_13 Datasheet HTML 2Page - Supertex, Inc HV254_13 Datasheet HTML 3Page - Supertex, Inc HV254_13 Datasheet HTML 4Page - Supertex, Inc HV254_13 Datasheet HTML 5Page - Supertex, Inc HV254_13 Datasheet HTML 6Page - Supertex, Inc HV254_13 Datasheet HTML 7Page - Supertex, Inc HV254_13 Datasheet HTML 8Page - Supertex, Inc HV254_13 Datasheet HTML 9Page - Supertex, Inc HV254_13 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
HV254
Supertex inc.
www.supertex.com
Doc.# DSFP-HV254
C070813
Pin Description (cont.)
Pin #
Function
Description
36
VPP
High voltage positive supply.
37
38
NC
No connect.
39
IBIAS
For internal testing only. Leave floating.
40
NC
No connect.
41
V-
Low voltage negative supply.
42
43
ANODE
Anode side of of a low voltage silicon diode that can be used to monitor die
temperature.
44
CATHODE
Cathode side of of a low voltage silicon diode that can be used to monitor die
temperature.
45
V+
Low voltage positive supply.
46
47
NC
No connect.
48
PGND
Power ground. Two PGND pads. Need to be externally connected.
49
V
IN0
Amplifier inputs.
50
V
IN1
51
V
IN2
52
V
IN3
53
V
IN4
54
V
IN5
55
V
IN6
56
V
IN7
57
V
IN8
58
V
IN9
59
V
IN10
60
V
IN11
61
V
IN12
62
V
IN13
63
V
IN14
64
V
IN15
65
V
IN16
66
V
IN17
67
V
IN18



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com