Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TM/NOPB Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LP5523TM/NOPB
Szczegółowy opis  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523TM/NOPB Arkusz danych(HTML) 1 Page - Texas Instruments

  LP5523TM/NOPB Datasheet HTML 1Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 2Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 3Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 4Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 5Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 6Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 7Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 8Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
LP5523
D1
D2
D4
D7
VOUT
COUT
1 PF
C2
0.47 PF
ASEL0
ASEL1
GND
MCU
SCL
SDA
EN
CLK
TRIG
INT
CIN
1 PF
VIN = 2.7V TO 5.5V
VDD
C1
0.47 PF
C1+ C1- C2+ C2-
GPO
B
G
R
D3
D8
B
G
R
B
G
R
D6
D5
D9
LP5523
D2
D3
D1
VOUT
COUT
1 PF
C2
0.47 PF
ASEL0
ASEL1
GND
MCU
SCL
SDA
EN
CLK
TRIG
INT
CIN
1 PF
VIN = 2.7V TO 5.5V
VDD
C1
0.47 PF
C1+ C1- C2+ C2-
GPO
D6
D5
D4
D9
D8
D7
RGB LED
APPLICATION
WLED APPLICATION
NOTE: D7, D8 AND D9 POWERED
DIRECTLY FROM VIN
LP5523
www.ti.com
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
LP5523 Programmable 9-Output LED Driver
Check for Samples: LP5523
1
FEATURES
APPLICATIONS
2
•
Three Independent Program Execution
•
Fun Lights and Indicator Lights
Engines, 9 Programmable Outputs with 25.5
•
LED Backlighting
mA Full-Scale Current, 8-Bit Current Setting
•
Haptic Feedback
Resolution and 12-Bit PWM Control Resolution
•
Programmable Current Source
•
Adaptive High-Efficiency 1x/1.5x Fractional
Charge Pump - Efficiency Up to 94%
DESCRIPTION
•
LED Drive Efficiency Up to 93%
The LP5523 is a 9-channel LED driver designed to
•
Charge Pump with Soft Start and Over-
produce lighting effects for mobile devices. A high-
efficiency charge pump enables LED driving over full
Current/Short-Circuit Protection
Li-Ion battery voltage range. The device is equipped
•
Built-in LED Test
with an internal program memory, which allows
•
200 nA Typical Standby Current
operation without processor control.
•
Automatic Power Save Mode; IVDD = 10 µA
The LP5523 maintains excellent efficiency over a
(typ.)
wide operating range by autonomously selecting the
•
Two-Wire I2C-Compatible Control Interface
best charge pump gain based on LED forward
voltage requirements. LP5523 is able to automatically
•
Flexible Instruction Set
enter power-save mode when LED outputs are not
•
Large SRAM Program Memory
active, thus lowering idle current consumption down
•
Small Application Circuit
to 10 µA (typ).
•
Source (High-Side) Drivers
•
Architecture Supports Color Control
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LP5523TM/NOPB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LP5523TM/NOPB TI2-LP5523TM/NOPB Datasheet
926Kb / 61P
LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
REVISED JANUARY 2017
LP5523TM/NOPB.A TI2-LP5523TM/NOPB.A Datasheet
926Kb / 61P
LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
REVISED JANUARY 2017
LP5523TM/NOPB.B TI2-LP5523TM/NOPB.B Datasheet
926Kb / 61P
LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
REVISED JANUARY 2017
More results

Podobny opis - LP5523TM/NOPB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
Programmable LED Driver
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
Multi-Purpose 9-Output LED Driver
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
9-channel LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
Programmable 9-Output LED Driver
LP55231 TI-LP55231 Datasheet
785Kb / 53P
LP55231 Programmable 9-Output LED Driver
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
Programmable LED Driver
LP8501 TI1-LP8501_14 Datasheet
647Kb / 8P
PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
LP8501 TI1-LP8501 Datasheet
2Mb / 51P
LP8501 Multi-Purpose 9-Output LED Driver
LP55231 TI1-LP55231_16 Datasheet
1Mb / 57P
LP55231 Programmable 9-Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com