| Zakładka z wyszukiwarką danych komponentów |
|
TLE2082AIP Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2082AIP Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 79 page ![]() TLE208x, TLE208xA, TLE208xY EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2081 AVAILABLE OPTIONS PACKAGED DEVICES CHIP TA VIOmax AT 25 °C SMALL OUTLINE (D) CHIP CARRIER (FK) CERAMIC DIP (JG) PLASTIC DIP (P) CHIP FORM (Y) 0 °Cto70°C 3 mV TLE2081ACD TLE2081ACP — 0 °C to 70°C 6 mV TLE2081CD — — TLE2081CP TLE2081Y 40 °Cto85°C 3 mV TLE2081AID TLE2081AIP –40 °C to 85°C 6 mV TLE2081ID — — TLE2081IP — 55 °Cto125°C 3 mV TLE2081AMFK TLE2081AMJG – 55 °C to 125°C 6 mV — TLE2081MFK TLE2081MJG — — † The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2081ACDR). ‡ Chip forms are tested at TA = 25°C only. TLE2082 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE (D) CHIP CARRIER (FK) CERAMIC DIP (JG) PLASTIC DIP (P) CHIP FORM (Y) 0 °Cto70°C 4 mV TLE2082ACD TLE2082ACP 0 °C to 70°C 7 mV TLE2082CD — — TLE2082CP — 40 °Cto85°C 4 mV TLE2082AID TLE2082AIP TLE2082Y – 40 °C to 85°C 7 mV TLE2082ID — — TLE2082IP TLE2082Y 55 °Cto125°C 4 mV TLE2082AMD TLE2082AMFK TLE2082AMJG TLE2082AMP – 55 °C to 125°C 7 mV TLE2082MD TLE2082MFK TLE2082MJG TLE2082MP — ‡ The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2082ACDR). ‡ Chip forms are tested at TA = 25°C only. TLE2084 AVAILABLE OPTIONS PACKAGED DEVICES CHIP TA VIOmax AT 25 °C SMALL OUTLINE (DW) CHIP CARRIER (FK) CERAMIC DIP (J) PLASTIC DIP (N) CHIP FORM (Y) 0 °Cto70°C 4 mV TLE2084ACDW TLE2084ACN — 0 °C to 70°C 7 mV TLE2084CDW — — TLE2084CN TLE2084Y 55 °Cto125°C 4 mV TLE2084AMFK TLE2084AMJ – 55 °C to 125°C 7 mV — TLE2084MFK TLE2084MJ — — † The DW packages are available taped and reeled. Add R suffix to device type (e.g., TLE2084ACDWR). ‡ Chip forms are tested at TA = 25°C only. |