| Zakładka z wyszukiwarką danych komponentów |
|
P89LPC901FD Arkusz danych(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC901FD Arkusz danych(HTML) 36 Page - NXP Semiconductors |
|
36 / 55 page ![]() Philips Semiconductors P89LPC901/902/903 8-bit microcontrollers with two-clock 80C51 core Product data Rev. 04 — 21 November 2003 36 of 55 9397 750 12293 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. 8.18.4 Mode 3 11 bits are transmitted (through TxD) or received (through RxD): a start bit (logical ‘0’), 8 data bits (LSB first), a programmable 9th data bit, and a stop bit (logical ‘1’). In fact, Mode 3 is the same as Mode 2 in all respects except baud rate. The baud rate in Mode 3 is variable and is determined by the Timer 1 overflow rate or the Baud Rate Generator (described in section Section 8.18.5 “Baud rate generator and selection”). 8.18.5 Baud rate generator and selection The P89LPC903 enhanced UART has an independent Baud Rate Generator. The baud rate is determined by a baud-rate preprogrammed into the BRGR1 and BRGR0 SFRs which together form a 16-bit baud rate divisor value that works in a similar manner as Timer 1. If the baud rate generator is used, Timer 1 can be used for other timing functions. The UART can use either Timer 1 or the baud rate generator output (see Figure 18). Note that Timer T1 is further divided by 2 if the SMOD1 bit (PCON.7) is cleared. The independent Baud Rate Generator uses CCLK. 8.18.6 Framing error Framing error is reported in the status register (SSTAT). In addition, if SMOD0 (PCON.6) is ‘1’, framing errors can be made available in SCON.7, respectively. If SMOD0 is ‘0’, SCON.7 is SM0. It is recommended that SM0 and SM1 (SCON.7:6) are set up when SMOD0 is ‘0’. 8.18.7 Break detect Break detect is reported in the status register (SSTAT). A break is detected when 11 consecutive bits are sensed LOW. The break detect can be used to reset the device. 8.18.8 Double buffering The UART has a transmit double buffer that allows buffering of the next character to be written to SBUF while the first character is being transmitted. Double buffering allows transmission of a string of characters with only one stop bit between any two characters, as long as the next character is written between the start bit and the stop bit of the previous character. Double buffering can be disabled. If disabled (DBMOD, i.e., SSTAT.7 = ‘0’), the UART is compatible with the conventional 80C51 UART. If enabled, the UART allows writing to SnBUF while the previous data is being shifted out. Double buffering is only allowed in Modes 1, 2 and 3. When operated in Mode 0, double buffering must be disabled (DBMOD = ‘0’). Fig 18. Baud rate sources for UART (Modes 1, 3). Baud Rate Modes 1 and 3 SBRGS = 1 SBRGS = 0 SMOD1 = 0 SMOD1 = 1 ¸2 Timer 1 Overflow (PCLK-based) Baud Rate Generator (CCLK-based) 002aaa419 |