Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX84C2V4CC Arkusz danych(PDF) 1 Page - Diode Semiconductor Korea

Numer części BZX84C2V4CC
Szczegółowy opis  SILCON PLANAR ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DSK [Diode Semiconductor Korea]
Strona internetowa  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BZX84C2V4CC Arkusz danych(HTML) 1 Page - Diode Semiconductor Korea

  BZX84C2V4CC Datasheet HTML 1Page - Diode Semiconductor Korea BZX84C2V4CC Datasheet HTML 2Page - Diode Semiconductor Korea BZX84C2V4CC Datasheet HTML 3Page - Diode Semiconductor Korea BZX84C2V4CC Datasheet HTML 4Page - Diode Semiconductor Korea BZX84C2V4CC Datasheet HTML 5Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SILCON PLANAR ZENER DIODES
BZX84C2V4CC-BZX84C75CC
FEATURES
Zener breakdown voltage range-2.4V
to 75V.
Package designed for optimal automated
board assembly.
Small package size for high density applications.
ORDERING INFORMATION
SOT-23
Type No.
Marking
Package Code
BZX84C2V4CC-BZX84C75CC
See Table on page2
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Value
Unit
Power Dissipation
Pd
350
mW
Thermal Resistance, Junction to Ambient 1)
RθjA
417
℃/W
Operating and Storage Temperature Range
TjTstg
-65 to+150
1)Alumina=0.4*0.3*0.024 in,99.5% alumina
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Podobny numer części - BZX84C2V4CC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Jin Yu Semicon...
BZX84C2V4CC HTSEMI-BZX84C2V4CC Datasheet
609Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
BZX84C2V4CC ZSELEC-BZX84C2V4CC Datasheet
131Kb / 3P
Silicon Planar Zener Diodes
logo
Won-Top Electronics
BZX84C2V4CC WTE-BZX84C2V4CC Datasheet
60Kb / 5P
350mW SURFACE MOUNT DUAL ZENER DIODE
October, 2018
logo
Shenzhen Jin Yu Semicon...
BZX84C2V4CCW HTSEMI-BZX84C2V4CCW Datasheet
387Kb / 2P
SILICON PLANAR ZENER DIODES
More results

Podobny opis - BZX84C2V4CC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
1N5225 SURGE-1N5225 Datasheet
88Kb / 2P
SILICON PLANAR ZENER DIODES?
logo
Continental Device Indi...
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
SILIICON PLANAR ZENER DIODES
1N5223B CDIL-1N5223B Datasheet
142Kb / 5P
SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5995 NJSEMI-1N5995 Datasheet
183Kb / 1P
ZENER DIODE SILCON 500mW
logo
Surge Components
1N746-1N759 SURGE-1N746-1N759 Datasheet
859Kb / 2P
SILICON PLANAR ZENER DIODES
1N957-1N978 SURGE-1N957-1N978 Datasheet
932Kb / 2P
SILICON PLANAR ZENER DIODES
logo
Microdiode Semiconducto...
MM1Z2V0 CHENDA-MM1Z2V0 Datasheet
890Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM3Z DGNJDZ-MM3Z Datasheet
109Kb / 4P
Silicon Planar Zener Diodes
BZX55B DGNJDZ-BZX55B Datasheet
84Kb / 3P
Silicon Planar Zener Diodes
BZX84C DGNJDZ-BZX84C Datasheet
120Kb / 3P
Silicon Planar Zener Diodes
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com