| Zakładka z wyszukiwarką danych komponentów |
|
TMS320DM814x Arkusz danych(PDF) 84 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Arkusz danych(HTML) 84 Page - Texas Instruments |
|
84 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-13. GP3 Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. VOUT[1]_R_CR[2]/ VOUT[1], GPMC, GPMC_A[15]/ VIN[1]A, HDMI, VIN[1]A_D[23]/ IPD AE27 I/O SPI[2] General-Purpose Input/Output (I/O) 3 [GP3] pin 22. HDMI_HPDET/ DVDD PINCNTL230 SPI[2]_D[1]/ DSIS: PIN GP3[22] VOUT[1]_R_CR[3]/ GPMC_A[14]/ VOUT[1], GPMC, VIN[1]A_D[22]/ VIN[1]A, HDMI, IPU HDMI_SDA/ AG28 I/O SPI[2], I2C[2] General-Purpose Input/Output (I/O) 3 [GP3] pin 21. DVDD SPI[2]_SCLK/ PINCNTL229 I2C[2]_SDA DSIS: PIN GP3[21] VOUT[1]_G_Y_YC[2]/ GPMC_A[13]/ VOUT[1], GPMC, VIN[1]A_D[21]/ VIN[1]A, HDMI, IPU HDMI_SCL/ AF27 I/O SPI[2], I2C[2] General-Purpose Input/Output (I/O) 3 [GP3] pin 20. DVDD SPI[2]_SCS[2]/ PINCNTL228 I2C[2]_SCL/ DSIS: PIN GP3[20] VOUT[1]_R_CR[9]/ VOUT[1], EMAC[1]_MTXEN/ EMAC[1], VIN[1]A, IPD VIN[1]A_D[20]/ Y24 I/O UART5 General-Purpose Input/Output (I/O) 3 [GP3] pin 19. DVDD UART5_TXD/ PINCNTL227 GP3[19] DSIS: PIN VOUT[1]_R_CR[8]/ VOUT[1], EMAC[1]_MTXD[7]/ EMAC[1], VIN[1]A, IPD VIN[1]A_D[19]/ W23 I/O UART5 General-Purpose Input/Output (I/O) 3 [GP3] pin 18. DVDD UART5_RXD/ PINCNTL226 GP3[18] DSIS: PIN VOUT[1]_R_CR[7]/ VOUT[1], EMAC[1]_MTXD[6]/ EMAC[1], VIN[1]A, IPD VIN[1]A_D[18]/ V22 I/O SPI[3] General-Purpose Input/Output (I/O) 3 [GP3] pin 17. DVDD SPI[3]_D[0]/ PINCNTL225 GP3[17] DSIS: PIN VOUT[1]_R_CR[6]/ VOUT[1], EMAC[1]_MTXD[5]/ EMAC[1], VIN[1]A, IPD VIN[1]A_D[17]/ AA25 I/O SPI[3] General-Purpose Input/Output (I/O) 3 [GP3] pin 16. DVDD SPI[3]_D[1]/ PINCNTL224 GP3[16] DSIS: PIN VOUT[1]_R_CR[5]/ VOUT[1], EMAC[1]_MTXD[4]/ EMAC[1], VIN[1]A, IPD VIN[1]A_D[16]/ AC26 I/O SPI[3] General-Purpose Input/Output (I/O) 3 [GP3] pin 15. DVDD SPI[3]_SCLK/ PINCNTL223 GP3[15] DSIS: PIN VOUT[1]_R_CR[4]/ VOUT[1], EMAC[1]_MTXD[3]/ EMAC[1], VIN[1]A, IPD VIN[1]A_D[15]/ AG27 I/O SPI[3] General-Purpose Input/Output (I/O) 3 [GP3] pin 14. DVDD SPI[3]_SCS[1]/ PINCNTL222 GP3[14] DSIS: PIN VOUT[1]_G_Y_YC[9]/ VOUT[1], EMAC[1]_MTXD[2]/ IPD EMAC[1], VIN[1]A AD26 I/O General-Purpose Input/Output (I/O) 3 [GP3] pin 13. VIN[1]A_D[14]/ DVDD PINCNTL221 GP3[13] DSIS: PIN VOUT[1]_G_Y_YC[8]/ VOUT[1], EMAC[1]_MTXD[1]/ IPD EMAC[1], VIN[1]A AE26 I/O General-Purpose Input/Output (I/O) 3 [GP3] pin 12. VIN[1]A_D[13]/ DVDD PINCNTL220 GP3[12] DSIS: PIN VOUT[1]_G_Y_YC[7]/ VOUT[1], EMAC[1]_MTXD[0]/ IPD EMAC[1], VIN[1]A AF26 I/O General-Purpose Input/Output (I/O) 3 [GP3] pin 11. VIN[1]A_D[12]/ DVDD PINCNTL219 GP3[11] DSIS: PIN 84 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |