| Zakładka z wyszukiwarką danych komponentów |
|
MCP23017T-E/ML Arkusz danych(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23017T-E/ML Arkusz danych(HTML) 8 Page - Microchip Technology |
|
8 / 42 page ![]() MCP23017/MCP23S17 DS20001952C-page 8 2005-2016 Microchip Technology Inc. FIGURE 1-5: SPI INPUT TIMING FIGURE 1-6: SPI OUTPUT TIMING TABLE 1-4: SPI INTERFACE REQUIREMENTS SPI Interface AC Characteristics: Unless otherwise noted, 1.8V V DD 5.5V at -40C TA +125C Param. No. Characteristic Sym. Min. Typ. Max. Units Conditions — Clock Frequency FCLK — — 5 MHz 1.8V – 5.5V — — 10 MHz 2.7V – 5.5V — — 10 MHz 4.5V – 5.5V 1CS Setup Time TCSS 50 — — ns 2CS Hold Time TCSH 100 — — ns 1.8V – 5.5V 50 — — ns 2.7V – 5.5V 3CS Disable Time TCSD 100 — — ns 1.8V – 5.5V 50 — — ns 2.7V – 5.5V 4 Data Setup Time TSU 20 — — ns 1.8V – 5.5V 10 — — ns 2.7V – 5.5V Note 1: This parameter is characterized, not 100% tested. SCK SI SO 1 5 4 7 6 3 10 2 LSB in MSB in High-Impedance 11 Mode 1,1 Mode 0,0 Note 1: When using SPI Mode 1,1 the CS pin needs to be toggled once before the first communication after power-up. CS (1) CS SCK SO 8 13 MSB out LSB out 2 14 Don’t Care SI Mode 1,1 Mode 0,0 9 12 |