| Zakładka z wyszukiwarką danych komponentów |
|
MCP23017-E/ML Arkusz danych(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23017-E/ML Arkusz danych(HTML) 12 Page - Microchip Technology |
|
12 / 42 page ![]() MCP23017/MCP23S17 DS20001952C-page 12 2005-2016 Microchip Technology Inc. 3.0 DEVICE OVERVIEW The MCP23017/MCP23S17 (MCP23X17) device family provides 16-bit, general purpose parallel I/O expansion for I2C bus or SPI applications. The two devices differ only in the serial interface: • MCP23017 – I2C interface • MCP23S17 – SPI interface The MCP23X17 consists of multiple 8-bit configuration registers for input, output and polarity selection. The system master can enable the I/Os as either inputs or outputs by writing the I/O configuration bits (IODIRA/B). The data for each input or output is kept in the corresponding input or output register. The polarity of the Input Port register can be inverted with the Polarity Inversion register. All registers can be read by the system master. The 16-bit I/O port functionally consists of two 8-bit ports (PORTA and PORTB). The MCP23X17 can be configured to operate in the 8-bit or 16-bit modes via IOCON.BANK. There are two interrupt pins, INTA and INTB, that can be associated with their respective ports, or can be logically OR’ed together so that both pins will activate if either port causes an interrupt. The interrupt output can be configured to activate under two conditions (mutually exclusive): 1. When any input state differs from its corresponding Input Port register state. This is used to indicate to the system master that an input state has changed. 2. When an input state differs from a preconfigured register value (DEFVAL register). The Interrupt Capture register captures port values at the time of the interrupt, thereby saving the condition that caused the interrupt. The Power-on Reset (POR) sets the registers to their default values and initializes the device state machine. The hardware address pins are used to determine the device address. 3.1 Power-on Reset (POR) The on-chip POR circuit holds the device in reset until VDD has reached a high enough voltage to deactivate the POR circuit (i.e., release the device from reset). The maximum VDD rise time is specified in Section 1.0 “Electrical Characteristics”. When the device exits the POR condition (releases reset), device operating parameters (i.e., voltage, temperature, serial bus frequency, etc.) must be met to ensure proper operation. 3.2 Serial Interface This block handles the functionality of the I2C (MCP23017) or SPI (MCP23S17) interface protocol. The MCP23X17 contains 22 individual registers (11 register pairs) that can be addressed through the Serial Interface block, as shown in Table 3-1. TABLE 3-1: REGISTER ADDRESSES Address IOCON.BANK = 1 Address IOCON.BANK = 0 Access to: 00h 00h IODIRA 10h 01h IODIRB 01h 02h IPOLA 11h 03h IPOLB 02h 04h GPINTENA 12h 05h GPINTENB 03h 06h DEFVALA 13h 07h DEFVALB 04h 08h INTCONA 14h 09h INTCONB 05h 0Ah IOCON 15h 0Bh IOCON 06h 0Ch GPPUA 16h 0Dh GPPUB 07h 0Eh INTFA 17h 0Fh INTFB 08h 10h INTCAPA 18h 11h INTCAPB 09h 12h GPIOA 19h 13h GPIOB 0Ah 14h OLATA 1Ah 15h OLATB |