| Zakładka z wyszukiwarką danych komponentów |
|
TMS320LC2402APGS Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320LC2402APGS Arkusz danych(HTML) 6 Page - Texas Instruments |
|
6 / 134 page ![]() TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A DSP CONTROLLERS SPRS145L − JULY 2000 − REVISED SEPTEMBER 2007 6 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 functional block diagram of the 2407A DSP controller XTAL1/CLKIN XTAL2 PLLVCCA PLLF2 PLLF VSSA VREFHI ADCIN08−ADCIN15 VCCA ADCIN00−ADCIN07 SCIRXD/IOPA1 SPISIMO/IOPC2 XINT2/ADCSOC/IOPD0 SCITXD/IOPA0 VREFLO Port A(0−7) IOPA[0:7] SPICLK/IOPC4 SPISTE/IOPC5 SPISOMI/IOPC3 Port E(0−7) IOPE[0:7] Port F(0−6) IOPF[0:6] Port C(0−7) IOPC[0:7] Port D(0) IOPD[0] Port B(0−7) IOPB[0:7] TDO TDI CANRX/IOPC7 TRST CANTX/IOPC6 EMU1 PDPINTB TCK EMU0 TMS CAP5/QEP4/IOPF0 CAP4/QEP3/IOPE7 PWM7/IOPE1 PWM8/IOPE2 CAP6/IOPF1 PWM10/IOPE4 PWM9/IOPE3 PWM11/IOPE5 PWM12/IOPE6 T4PWM/T4CMP/IOPF3 T3PWM/T3CMP/IOPF2 TDIRB/IOPF4 TCLKINB/IOPF5 DARAM (B0) 256 Words DARAM (B1) 256 Words DARAM (B2) 32 Words C2xx DSP Core PLL Clock 10-Bit ADC (With Twin Autosequencer) RS CLKOUT/IOPE0 XINT1/IOPA2 BIO/IOPC1 MP/MC TMS2 A0−A15 D0−D15 TP1 TP2 BOOT_EN/XF READY STRB R/W RD PS, DS, IS VIS_OE ENA_144 WE CAP3/IOPA5 PWM1/IOPA6 CAP1/QEP1/IOPA3 CAP2/QEP2/IOPA4 PDPINTA PWM5/IOPB2 PWM6/IOPB3 PWM3/IOPB0 PWM4/IOPB1 PWM2/IOPA7 T2PWM/T2CMP/IOPB5 T1PWM/T1CMP/IOPB4 TCLKINA/IOPB7 TDIRA/IOPB6 VDD (3.3 V) VSS VCCP(5V) SARAM (2K Words) Flash/ROM (32K Words: 4K/12K/12K/4K) External Memory Interface Event Manager A D 3 × Capture Input D 6 × Compare/PWM Output D 2 × GP Timers/PWM SCI SPI WD Digital I/O (Shared With Other Pins) CAN JTAG Port Event Manager B D 3 × Capture Input D 6 × Compare/PWM Output D 2 × GP Timers/PWM Indicates optional modules . The memory size and peripheral selection of these modules change for different 240xA devices. See Table 1 for device-specific details. W/R / IOPC0 |