Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP16301T-E/CH Arkusz danych(PDF) 9 Page - Microchip Technology

Numer części MCP16301T-E/CH
Szczegółowy opis  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301T-E/CH Arkusz danych(HTML) 9 Page - Microchip Technology

Back Button MCP16301T-E/CH Datasheet HTML 5Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 6Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 7Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 8Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 9Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 10Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 11Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 12Page - Microchip Technology MCP16301T-E/CH Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2011-2015 Microchip Technology Inc.
DS20005004D-page 9
MCP16301/H
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Boost Pin (BOOST)
The high side of the floating supply used to turn the
integrated N-Channel MOSFET on and off is
connected to the boost pin.
3.2
Ground Pin (GND)
The ground or return pin is used for circuit ground
connection. The length of the trace from the input cap
return, output cap return and GND pin should be made as
short as possible to minimize the noise on the GND pin.
3.3
Feedback Voltage Pin (VFB)
The VFB pin is used to provide output voltage regulation
by using a resistor divider. The VFB voltage will be
0.800V typical with the output voltage in regulation.
3.4
Enable Pin (EN)
The EN pin is a logic-level input used to enable or
disable device switching and to lower the quiescent
current while disabled. A logic high (> 1.4V) will enable
the regulator output. A logic low (< 0.4V) will ensure
that the regulator is disabled.
3.5
Power Supply Input Voltage Pin
(VIN)
Connect the input voltage source to VIN. The input
source should be decoupled to GND with a
4.7 µF-20 µF capacitor, depending on the impedance
of the source and output current. The input capacitor
provides AC current for the power switch and a stable
voltage source for the internal device power. This
capacitor should be connected as close as possible to
the VIN and GND pins. For lighter load applications, a
1 µF X7R (or X5R, for limited temperature range, -40 to
+85°C) ceramic capacitor can be used.
3.6
Switch Pin (SW)
The Switch Node pin is connected internally to the
N-Channel switch and externally to the SW node
consisting of the inductor and Schottky diode. The SW
node can rise very fast as a result of the internal switch
turning on. The external Schottky diode should be
connected close to the SW node and GND.
TABLE 3-1:
PIN FUNCTION TABLE
MCP16301/H
SOT-23
Symbol
Description
1BOOST
Boost voltage that drives the internal NMOS control switch. A bootstrap capacitor is
connected between the BOOST and SW pins.
2
GND
Ground pin.
3VFB
Output voltage feedback pin. Connect VFB to an external resistor divider to set the
output voltage.
4
EN
Enable pin. Logic high enables the operation. Do not allow this pin to float.
5VIN
Input supply voltage pin for power and internal biasing.
6
SW
Output switch node. This pin connects to the inductor, the freewheeling diode and the
bootstrap capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40