Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP2221AT-I/ST Arkusz danych(PDF) 49 Page - Microchip Technology

Numer części MCP2221AT-I/ST
Szczegółowy opis  USB 2.0 to I2C/UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221AT-I/ST Arkusz danych(HTML) 49 Page - Microchip Technology

Back Button MCP2221AT-I/ST Datasheet HTML 45Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 46Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 47Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 48Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 49Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 50Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 51Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 52Page - Microchip Technology MCP2221AT-I/ST Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
 2016 Microchip Technology Inc.
DS20005565A-page 49
MCP2221A
3.1.13
SET SRAM SETTINGS
This command is used to alter various run time Chip
settings. The altered settings reside in SRAM memory
and they will not affect the chip’s Power-up/Reset
default settings. These altered settings will be active
until the next chip Power-up/Reset.
TABLE 3-36:
COMMAND STRUCTURE
Byte
Index
Function Description
Value
Effect
0
0x60
Set SRAM settings – command code
1Don’t
care
2
Clock Output Divider Value
– this allows the user to modify the clock output value on the fly, at run-time
Bit 7: Enable loading of a
new clock divider
1
The 4-0 bits will be loaded into the clock divider
0
Clock divider value won’t be altered
Bit 6-5
Don’t
care
Bit 4-3: Duty cycle
00
0% duty cycle
01
25% duty cycle
10
50% duty cycle
11
75% duty cycle
Bit 2-0: Clock divider
value
3
DAC Voltage Reference
– this allows the user to modify the DAC reference voltage
Bit 7: Enable loading of a
new DAC reference
1
Bits 2-0 will be used for DAC reference voltage selection
0
DAC reference will remain unaltered
Bit 6-3
Don’t
care
Bit 2-1: DAC VRM voltage
selection. These bits are
used to change the DAC
VRM voltage
11
VRM voltage is 4.096V (only if VDD is higher than this value)
10
VRM voltage is 2.048V
01
VRM voltage is 1.024V
00
VRM voltage is off
Bit 0: This bit is used to
change the DAC
reference voltage
1
DAC voltage reference is the internal DAC voltage reference module
(DAC VRM)
0
DAC voltage reference is VDD
4
Set DAC Output Value
Bit 7: Enable loading of a
new DAC value
1
Bits 4-0 will be used for DAC reference voltage selection
0
The current DAC value will remain unaltered
Bit 6-5
Don’t
care
Bit 4-0: The new DAC
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80