| Zakładka z wyszukiwarką danych komponentów |
|
MCP1501-10E/RW Arkusz danych(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1501-10E/RW Arkusz danych(HTML) 21 Page - Microchip Technology |
|
21 / 36 page ![]() 2015-2016 Microchip Technology Inc. DS20005474C-page 21 MCP1501 5.2 Typical Applications Circuits 5.2.1 NEGATIVE VOLTAGE REFERENCE A negative voltage reference can be generated using any of the devices in the MCP1501 family. A typical application is shown in Figure 5-3. In this circuit, the voltage inversion is implemented using the MCP6061 and two equal resistors. The voltage at the output of the MCP1501 voltage reference drives R1, which is con- nected to the inverting input of the MCP6061 amplifier. Since the non-inverting input of the amplifier is biased to ground, the inverting input will also be close to ground potential. The second 10 kΩ resistor is placed around the feedback loop of the amplifier. Since the inverting input of the amplifier is high-impedance, the current generated through R1 will also flow through R2. As a consequence, the output voltage of the amplifier is equal to -2.5V for the MCP1501-25 and -4.096V for the MCP1501-40. FIGURE 5-3: Negative Voltage Reference. 5.2.2 A/D CONVERTER REFERENCE The MCP1501 product family was carefully designed to provide a precision, low noise voltage reference for the Microchip families of ADCs. The circuit shown in Figure 5-4 shows a MCP1501-25 configured to provide the reference to the MCP3201, a 12-bit ADC. FIGURE 5-4: ADC Example Circuit. VDD SHDN GND 1 2 3 4 5 8 7 6 GND OUT GND GND 2.2 µF 2.7 – 5.5V 1kΩ - + 10 kΩ 0.1% 10 kΩ 0.1% -5V -2.500V MCP1501-25 MCP6061 2.2 µF VDD SHDN GND 1 2 3 4 5 8 7 6 GND OUT GND GND 2.2 µF 5.0V 2.2 µF MCP1501-25 MCP3201 5.0V 10 µF VREF VIN 0.1 µF IN+ IN- |