| Zakładka z wyszukiwarką danych komponentów |
|
HCS500T-I/ST Arkusz danych(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS500T-I/ST Arkusz danych(HTML) 23 Page - Microchip Technology |
|
23 / 42 page ![]() HCS500 2001-2015 Microchip Technology Inc. DS40000153E-page 23 8.11 Demonstration/Development Boards, Evaluation Kits, and Starter Kits A wide variety of demonstration, development and evaluation boards for various PIC MCUs and dsPIC DSCs allows quick application development on fully functional systems. Most boards include prototyping areas for adding custom circuitry and provide applica- tion firmware and source code for examination and modification. The boards support a variety of features, including LEDs, temperature sensors, switches, speakers, RS-232 interfaces, LCD displays, potentiometers and additional EEPROM memory. The demonstration and development boards can be used in teaching environments, for prototyping custom circuits and for learning about various microcontroller applications. In addition to the PICDEM™ and dsPICDEM™ demonstration/development board series of circuits, Microchip has a line of evaluation kits and demonstra- tion software for analog filter design, KEELOQ® security ICs, CAN, IrDA®, PowerSmart battery management, SEEVAL® evaluation system, Sigma-Delta ADC, flow rate sensing, plus many more. Also available are starter kits that contain everything needed to experience the specified device. This usually includes a single application and debug capability, all on one board. Check the Microchip web page (www.microchip.com) for the complete list of demonstration, development and evaluation kits. 8.12 Third-Party Development Tools Microchip also offers a great collection of tools from third-party vendors. These tools are carefully selected to offer good value and unique functionality. • Device Programmers and Gang Programmers from companies, such as SoftLog and CCS • Software Tools from companies, such as Gimpel and Trace Systems • Protocol Analyzers from companies, such as Saleae and Total Phase • Demonstration Boards from companies, such as MikroElektronika, Digilent® and Olimex Embedded Ethernet Solutions from companies, such as EZ Web Lynx, WIZnet and IPLogika® |