| Zakładka z wyszukiwarką danych komponentów |
|
EMC2103 Arkusz danych(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
EMC2103 Arkusz danych(HTML) 41 Page - Microchip Technology |
|
41 / 85 page ![]() RPM-Based Fan Controller with Hardware Thermal Shutdown Datasheet 2013 Microchip Technology Inc. DS0005250A-page 41 5Ah R/W LUT Temp 4 Setting 2 Stores the threshold level for the Internal Diode channel (or Pushed Temp 2 temp) that is associated with the Drive 2 value 7Fh (127°C) LUT Lock Page 66 5Bh R/W LUT Drive 3 Stores the third programmed drive setting for the LUT D1h LUT Lock Page 66 5Ch R/W LUT Temp 1 Setting 3 Stores the threshold level for the External Diode 1 channel that is associated with the Drive 3 value 7Fh (127°C) LUT Lock Page 66 5Dh R/W LUT Temp 2 Setting 3 Stores the threshold level for the External Diode 2 channel that is associated with the Drive 3 value 7Fh (127°C) LUT Lock Page 66 5Eh R/W LUT Temp 3 Setting 3 Stores the threshold level for the External Diode 3 channel (or Pushed Temp 1 temp) that is associated with the Drive 3 value 7Fh (127°C) LUT Lock Page 66 5Fh R/W LUT Temp 4 Setting 3 Stores the threshold level for the Internal Diode channel (or Pushed Temp 2 temp) that is associated with the Drive 3 value 7Fh (127°C) LUT Lock Page 66 60h R/W LUT Drive 4 Stores the fourth programmed drive setting for the LUT BCh LUT Lock Page 66 61h R/W LUT Temp 1 Setting 4 Stores the threshold level for the External Diode 1channel that is associated with the Drive 4 value 7Fh (127°C) LUT Lock Page 66 62h R/W LUT Temp 2 Setting 4 Stores the threshold level for the External Diode 2 channel that is associated with the Drive 4 value 7Fh (127°C) LUT Lock Page 66 63h R/W LUT Temp 3 Setting 4 Stores the threshold level for the External Diode 3 channel (or Pushed Temp 1 temp) that is associated with the Drive 4 value 7Fh (127°C) LUT Lock Page 66 64h R/W LUT Temp 4 Setting 4 Stores the threshold level for the Internal Diode channel (or Pushed Temp 2 temp) that is associated with the Drive 4 value 7Fh (127°C) LUT Lock Page 66 65h R/W LUT Drive 5 Stores the fifth programmed drive setting for the LUT A7h LUT Lock Page 66 66h R/W LUT Temp 1 Setting 5 Stores the threshold level for the External Diode 1 channel that is associated with the Drive 5 value 7Fh (127°C) LUT Lock Page 66 67h R/W LUT Temp 2 Setting 5 Stores the threshold level for the External Diode 2 channel that is associated with the Drive 5 value 7Fh (127°C) LUT Lock Page 66 68h R/W LUT Temp 3 Setting 5 Stores the threshold level for the External Diode 3 channel (or Pushed Temp 1 temp) that is associated with the Drive 5 value 7Fh (127°C) LUT Lock Page 66 Table 6.1 EMC2103 Register Set (continued) ADDR R/W REGISTER NAME FUNCTION DEFAULT VALUE LOCK PAGE |