| Zakładka z wyszukiwarką danych komponentów |
|
EMC2113 Arkusz danych(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
EMC2113 Arkusz danych(HTML) 72 Page - Microchip Technology |
|
72 / 88 page ![]() RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown Datasheet DS20005251A-page 72 2013 Microchip Technology Inc. 7.39 Manufacturer ID Register The Manufacturer ID Register contains an 8-bit word that identifies Microchip. 7.40 Revision Register The Revision Register contains an 8-bit word that identifies the die revision. Table 7.58 Manufacturer ID Register ADDR R/W REGISTER B7 B6 B5 B4 B3 B2 B1 B0 DEFAULT FEh R Manufacturer ID 01011101 5Dh Table 7.59 Revision Register ADDR R/W REGISTER B7 B6 B5 B4 B3 B2 B1 B0 DEFAULT FFh R Revision 1 0 0 0 0 0 0 1 81h |