| Zakładka z wyszukiwarką danych komponentów |
|
TNETE2004PBE Arkusz danych(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2004PBE Arkusz danych(HTML) 25 Page - Texas Instruments |
|
25 / 47 page ![]() TNETE2004 MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997 25 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TNETE2004 all-PHY status register – QuadPHY_4sts at 0x14 BYTE 1 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 BYTE 0 0 A C O M P L E T E 3 A C O M P L E T E 2 A C O M P L E T E 1 A C O M P L E T E 0 M I N T 3 M I N T 2 M I N T 1 M I N T 0 L I N K 3 L I N K 2 L I N K 1 L I N K 0 J A B B E R 3 J A B B E R 2 J A B B E R 1 J A B B E R 0 Figure 15. TNETE2004 All-PHY Status Register – QuadPHY_4sts at 0x14 Table 11. TNETE2004 All-PHY Status Register (QuadPHY_4sts at 0x14) Bit Functions BIT FUNCTION DIRECTION† NO. NAME FUNCTION DIRECTION† 15 ACOMPLETE3 Auto-negotiation complete. Auto-negotiation complete on PHY3. RO 14 ACOMPLETE2 Auto-negotiation complete. Auto-negotiation complete on PHY2. RO 13 ACOMPLETE1 Auto-negotiation complete. Auto-negotiation complete on PHY1. RO 12 ACOMPLETE0 Auto-negotiation complete. Auto-negotiation complete on PHY0. RO 11 MINT3 MII interrupt. PHY3 indicates an interrupt condition. RO 10 MINT2 MII interrupt. PHY2 indicates an interrupt condition. RO 9 MINT1 MII interrupt. PHY1 indicates an interrupt condition. RO 8 MINT0 MII interrupt. PHY0 indicates an interrupt condition. RO 7 LINK3 Link status. When set, LINK3 indicates that PHY3 is receiving valid link pulses. RO 6 LINK2 Link status. When set, LINK2 indicates that PHY2 is receiving valid link pulses. RO 5 LINK1 Link status. When set, LINK1 indicates that PHY1 is receiving valid link pulses. RO 4 LINK0 Link status. When set, LINK0 indicates that PHY0 is receiving valid link pulses. RO 3 JABBER3 Jabber detected. When set, JABBER3 indicates that PHY3 has entered jabber mode. This can be cleared only by reset. RO 2 JABBER2 Jabber detected. When set, JABBER2 indicates that PHY2 has entered jabber mode. This can be cleared only by reset. RO 1 JABBER1 Jabber detected. When set, JABBER1 indicates that PHY1 has entered jabber mode. This can be cleared only by reset. RO 0 JABBER0 Jabber detected. When set, JABBER0 indicates that PHY0 has entered jabber mode. This can be cleared only by reset. RO † RO = read only |