| Zakładka z wyszukiwarką danych komponentów |
|
TNETX3150GGP Arkusz danych(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150GGP Arkusz danych(HTML) 31 Page - Texas Instruments |
|
31 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 31 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 NMON interface (continued) The NMON control field is mapped to the lower four bits of the system NMON register DIO register address 0xA2. For 10-Mbit/s monitoring, the NMON signals are provided as shown in Table 3 (NMON register option bits: MONRXTX = X, MONWIDE = 0). Table 3. 10-Mbit/s NMON Signals TERMINAL NAME NMON MODE (UPLINK) NMON00 MXXRXD NMON01 MXXCRS NMON02 MXXRCLK NMON03 MXXTXD NMON04 MXXTXEN NMON05 MXXTCLK NMON06 MXXCOL For 100-Mbit/s monitoring, network-monitoring signals are provided for TX as shown in Table 4 (NMON register operation bits: MONRXTX = 1, MONWIDE = 1). Table 4. 100-Mbit/s TX NMON Signals NORMAL OPERATION TERMINAL DESCRIPTION NMON MODE (UPLINK) NMON00 MXXTXD(0) NMON01 MXXTXD(1) NMON02 MXXTXD(2) NMON03 MXXTXD(3) NMON04 MXXTXEN NMON05 MXXTCLK NMON06 MXXSPEED For 100-Mbit/s monitoring, network-monitoring signals are provided for RX as shown in Table 5 (NMON register operation bits: MONRXTX = 0, MONWIDE = 1). Table 5. 100-Mbit/s RX NMON Signals NORMAL OPERATION TERMINAL DESCRIPTION NMON MODE (UPLINK) NMON00 MXXRXD(0) NMON01 MXXRXD(1) NMON02 MXXRXD(2) NMON03 MXXRXD(3) NMON04 MXXRXDV NMON05 MXXRCLK NMON06 MXXSPEED RX signals are latched and provided after a delay of one RX clock cycle. TX signals are the same as the TX terminals (no latching) after a delay time. |