| Zakładka z wyszukiwarką danych komponentów |
|
LP3852ES-5.0 Arkusz danych(PDF) 13 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP3852ES-5.0 Arkusz danych(HTML) 13 Page - National Semiconductor (TI) |
|
13 / 19 page ![]() Application Hints (Continued) CAPACITOR CHARACTERISTICS CERAMIC: For values of capacitance in the 10 to 100 µF range, ceramics are usually larger and more costly than tantalums but give superior AC performance for bypassing high frequency noise because of very low ESR (typically less than 10 m Ω). However, some dielectric types do not have good capacitance characteristics as a function of voltage and temperature. Z5U and Y5V dielectric ceramics have capacitance that drops severely with applied voltage. A typical Z5U or Y5V capacitor can lose 60% of its rated capacitance with half of the rated voltage applied to it. The Z5U and Y5V also exhibit a severe temperature effect, losing more than 50% of nomi- nal capacitance at high and low limits of the temperature range. X7R and X5R dielectric ceramic capacitors are strongly rec- ommended if ceramics are used, as they typically maintain a capacitance range within ±20% of nominal over full operat- ing ratings of temperature and voltage. Of course, they are typically larger and more costly than Z5U/Y5U types for a given voltage and capacitance. TANTALUM: Solid Tantalum capacitors are typically recom- mended for use on the output because their ESR is very close to the ideal value required for loop compensation. Tantalums also have good temperature stability: a good quality Tantalum will typically show a capacitance value that varies less than 10-15% across the full temperature range of 125˚C to −40˚C. ESR will vary only about 2X going from the high to low temperature limits. The increasing ESR at lower temperatures can cause oscil- lations when marginal quality capacitors are used (if the ESR of the capacitor is near the upper limit of the stability range at room temperature). ALUMINUM: This capacitor type offers the most capaci- tance for the money. The disadvantages are that they are larger in physical size, not widely available in surface mount, and have poor AC performance (especially at higher fre- quencies) due to higher ESR and ESL. Compared by size, the ESR of an aluminum electrolytic is higher than either Tantalum or ceramic, and it also varies greatly with temperature. A typical aluminum electrolytic can exhibit an ESR increase of as much as 50X when going from 25˚C down to −40˚C. It should also be noted that many aluminum electrolytics only specify impedance at a frequency of 120 Hz, which indicates they have poor high frequency performance. Only aluminum electrolytics that have an impedance specified at a higher frequency (between 20 kHz and 100 kHz) should be used for the LP385X. Derating must be applied to the manufacturer’s ESR specification, since it is typically only valid at room temperature. Any applications using aluminum electrolytics should be thoroughly tested at the lowest ambient operating tempera- ture where ESR is maximum. PCB LAYOUT Good PC layout practices must be used or instability can be induced because of ground loops and voltage drops. The input and output capacitors must be directly connected to the input, output, and ground pins of the regulator using traces which do not have other currents flowing in them (Kelvin connect). The best way to do this is to lay out C IN and COUT near the device with short traces to the V IN,VOUT, and ground pins. The regulator ground pin should be connected to the exter- nal circuit ground so that the regulator and its capacitors have a "single point ground". It should be noted that stability problems have been seen in applications where "vias" to an internal ground plane were used at the ground points of the IC and the input and output capacitors. This was caused by varying ground potentials at these nodes resulting from current flowing through the ground plane. Using a single point ground technique for the regulator and it’s capacitors fixed the problem. Since high current flows through the traces going into V IN and coming from V OUT, Kelvin connect the capacitor leads to these pins so there is no voltage drop in series with the input and output capacitors. RFI/EMI SUSCEPTIBILITY RFI (radio frequency interference) and EMI (electromagnetic interference) can degrade any integrated circuit’s perfor- mance because of the small dimensions of the geometries inside the device. In applications where circuit sources are present which generate signals with significant high fre- quency energy content (> 1 MHz), care must be taken to ensure that this does not affect the IC regulator. If RFI/EMI noise is present on the input side of the regulator (such as applications where the input source comes from the output of a switching regulator), good ceramic bypass ca- pacitors must be used at the input pin of the IC. If a load is connected to the IC output which switches at high speed (such as a clock), the high-frequency current pulses required by the load must be supplied by the capacitors on the IC output. Since the bandwidth of the regulator loop is less than 100 kHz, the control circuitry cannot respond to load changes above that frequency. This means the effective output impedance of the IC at frequencies above 100 kHz is determined only by the output capacitor(s). In applications where the load is switching at high speed, the output of the IC may need RF isolation from the load. It is recommended that some inductance be placed between the output capacitor and the load, and good RF bypass capaci- tors be placed directly across the load. PCB layout is also critical in high noise environments, since RFI/EMI is easily radiated directly into PC traces. Noisy circuitry should be isolated from "clean" circuits where pos- sible, and grounded through a separate path. At MHz fre- quencies, ground planes begin to look inductive and RFI/ EMI can cause ground bounce across the ground plane. In multi-layer PCB applications, care should be taken in layout so that noisy power and ground planes do not radiate directly into adjacent layers which carry analog power and ground. OUTPUT NOISE Noise is specified in two ways- Spot Noise or Output noise density is the RMS sum of all noise sources, measured at the regulator output, at a spe- cific frequency (measured with a 1Hz bandwidth). This type of noise is usually plotted on a curve as a function of fre- quency. Total output Noise or Broad-band noise is the RMS sum of spot noise over a specified bandwidth, usually several decades of frequencies. www.national.com 13 |