| Zakładka z wyszukiwarką danych komponentów |
|
PCM3010DB Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM3010DB Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 31 page ![]() PCM3010 SLES055 – NOVEMBER 2002 13 www.ti.com analog filter Figure 18. Analog Filter Stop-Band Performance (10 Hz–10 MHz) –50 –40 –30 –20 –10 0 f – Frequency – Hz AMPLITUDE vs FREQUENCY 10 100 1k 10M 10k 100k 1M Figure 19. Analog Filter Pass-Band Performance (10 Hz–10 MHz) –1.0 –0.8 –0.6 –0.4 –0.2 –0.0 f – Frequency – Hz 10 100 1k 10M 10k 100k 1M 0.0 AMPLITUDE vs FREQUENCY TYPICAL PERFORMANCE CURVES (ADC PORTION) Figure 20 –45 –40 –35 –30 –105 –100 –95 –90 –50 –25 0 25 50 75 100 TA – Free-Air Temperature – °C TOTAL HARMONIC DISTORTION + NOISE vs FREE-AIR TEMPERATURE –60 dB –0.5 dB Figure 21 95 100 105 110 –50 –25 0 25 50 75 100 TA – Free-Air Temperature – °C DYNAMIC RANGE and SNR vs FREE-AIR TEMPERATURE SNR Dynamic Range All specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 44.1 kHz, SCKI = 384 fS, 24-bit data, unless otherwise noted. |