Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

US2DA Arkusz danych(PDF) 1 Page - SUNMATE electronic Co., LTD

Numer części US2DA
Szczegółowy opis  SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

US2DA Arkusz danych(HTML) 1 Page - SUNMATE electronic Co., LTD

  US2DA Datasheet HTML 1Page - SUNMATE electronic Co., LTD US2DA Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US2AA - US2MA
US2MA
US2KA
US2JA
US2GA
US2DA
US2BA
US2AA
Case: SMA/DO-214AC, Molded Plastic
700
CURRENT: 2.0 A
VOLTAGE RANGE: 50 - 1000V
= 55°C
I
50
20
75
50
1000
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
                            
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL
O
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
Forward Voltage
@IF = 2.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 3)
RJL
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
Ideally Suited for Automatic Assembly
Ultra-Fast Recovery Time
Classification Rating 94V-O
Low Power Loss
Features
Mechanical Data
Characteristic
Symbol
50
100
200
400
600
800
35
70
140
280
420
560
2.0
1.0
1.4
1.7
50
-50 to +150
50
µA
Unit
V
V
A
V
nS
pF
°C/W
°C
A
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
3. P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
Weight: 0.064 grams (approx.)
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)
1 of 2
www.sunmate.tw


Podobny numer części - US2DA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Sunrise Electr...
US2DA SSE-US2DA Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
PACELEADER INDUSTRIAL
US2DA PACELEADER-US2DA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US2DA LUGUANG-US2DA Datasheet
180Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
US2DA TAYCHIPST-US2DA Datasheet
3Mb / 2P
Surface Mount Ultrafast Rectifiers
logo
Microdiode Semiconducto...
US2DA CHENDA-US2DA Datasheet
394Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Podobny opis - US2DA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
UF2AA SUNMATE-UF2AA Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF3AF SUNMATE-UF3AF Datasheet
557Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
UF5A SUNMATE-UF5A Datasheet
578Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US1AF SUNMATE-US1AF Datasheet
332Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US1AL SUNMATE-US1AL Datasheet
313Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US2A SUNMATE-US2A Datasheet
576Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US2AF SUNMATE-US2AF Datasheet
485Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US5AB SUNMATE-US5AB Datasheet
528Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
US5AF SUNMATE-US5AF Datasheet
893Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Shenzhen Yixinwei Techn...
US3AB YIXIN-US3AB_15 Datasheet
330Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com