| Zakładka z wyszukiwarką danych komponentów |
|
K4S561633C-RBL Arkusz danych(PDF) 5 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
K4S561633C-RBL Arkusz danych(HTML) 5 Page - Samsung semiconductor |
|
5 / 8 page ![]() K4S561633C-R(B)L/N/P Rev. 1.4 Dec. 2002 CMOS SDRAM DC CHARACTERISTICS Recommended operating conditions(Voltage referenced to V SS = 0V, TA =Commercial, Extended, Industrial Temperature) Notes : 1. Measured with outputs open. 2. Refresh period is 64ms. 3. K4S561633C-R(B)L** 4. K4S561633C-R(B)N** 5. K4S561633C-R(B)P** 6. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ) Parameter Symbol Test Condition Version Unit Note -75 -1H -1L Operating Current (One Bank Active) ICC1 Burst length = 1 tRC ≥ tRC(min) IO = 0 mA 90 85 85 mA 1 Precharge Standby Current in power-down mode ICC2P CKE ≤ VIL(max), tCC = 10ns 0.5 mA ICC2PS CKE & CLK ≤ VIL(max), tCC = ∞ 0.5 Precharge Standby Current in non power-down mode ICC2N CKE ≥ VIH(min), CS ≥ VIH(min), tCC = 10ns Input signals are changed one time during 20ns 15 mA ICC2NS CKE ≥ VIH(min), CLK ≤ VIL(max), tCC = ∞ Input signals are stable 10 Active Standby Current in power-down mode ICC3P CKE ≤ VIL(max), tCC = 10ns 6 mA ICC3PS CKE & CLK ≤ VIL(max), tCC = ∞ 6 Active Standby Current in non power-down mode (One Bank Active) ICC3N CKE ≥ VIH(min), CS ≥ VIH(min), tCC = 10ns Input signals are changed one time during 20ns 25 mA ICC3NS CKE ≥ VIH(min), CLK ≤ VIL(max), tCC = ∞ Input signals are stable 25 mA Operating Current (Burst Mode) ICC4 IO = 0 mA Page burst 4Banks Activated tCCD = 2CLKs 130 130 105 mA 1 Refresh Current ICC5 tRC ≥ tRC(min) 185 185 165 mA 2 Self Refresh Current ICC6 CKE ≤ 0.2V -R(B)L 800 uA 3 -R(B)N 4 -R(B)P |