| Zakładka z wyszukiwarką danych komponentów |
|
ACS758 Arkusz danych(PDF) 21 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ACS758 Arkusz danych(HTML) 21 Page - Allegro MicroSystems |
|
21 / 22 page ![]() Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 µΩ Current Conductor ACS758xCB 21 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com For Reference Only – Not for Tooling Use (Reference DWG-9111, DWG-9110) Dimensions in millimeters – NOT TO SCALE Dimensions exclusive of mold flash, gate burs, and dambar protrusions Exact case and lead configuration at supplier discretion within limits shown 23 1 4 5 A 2.75 ±0.10 3.18 ±0.10 1.50 ±0.10 14.0 ±0.2 4.0 ±0.2 3.0 ±0.2 10.00 ±0.10 0.51 ±0.10 7.00 ±0.10 1.9 ±0.2 13.00 ±0.10 4.40 ±0.10 11.0 ±0.05 23.50 ±0.5 0.381 +0.060 –0.030 1 Branded Face A B B NNNNNNN TTT-AAA LLLLLLL YYWW Dambar removal intrusion = Device part number =Temperature code = Amperage range = Lot number = Last two digits of year of manufacture = Week of manufacture = Supplier emblem N T A L Y W Standard Branding Reference View Branding scale and appearance at supplier discretion Package CB, 5-pin Package, Leadform PSS Creepage distance, current terminals to signal pins: 7.25 mm Clearance distance, current terminals to signal pins: 7.25 mm Package mass: 4.63 g typical |