Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCF88332DA Arkusz danych(PDF) 13 Page - NXP Semiconductors

Numer części PCF88332DA
Szczegółowy opis  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Arkusz danych(HTML) 13 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 9Page - NXP Semiconductors PCF88332DA Datasheet HTML 10Page - NXP Semiconductors PCF88332DA Datasheet HTML 11Page - NXP Semiconductors PCF88332DA Datasheet HTML 12Page - NXP Semiconductors PCF88332DA Datasheet HTML 13Page - NXP Semiconductors PCF88332DA Datasheet HTML 14Page - NXP Semiconductors PCF88332DA Datasheet HTML 15Page - NXP Semiconductors PCF88332DA Datasheet HTML 16Page - NXP Semiconductors PCF88332DA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
2003 Feb 14
13
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2
Function set
6.2.1
NO OPERATION
No operation (NOP) has no effect on internal data or settings. However, it can be used to terminate data transfer (read
and write).
Table 3
No operation command bits
D/C
76543210
DEFAULT
000000000
00H
6.2.2
RESET
The PCF8833 has a hardware and a software reset. After
power-up a hardware reset (pin RES) must be applied; see
Fig.50. The hardware and software resets give the same
results. After a reset, the chip has the following state:
• All LCD outputs are set to VSS (display off)
• RAM data unchanged
• Power-down mode (Sleep_IN)
• Command register set to default states; see Table 4
• Interface pins are set to inputs.
After a reset, care must be taken with respect to the reset
timing constraints (see Fig.50) when the PCF8833 is
powered-up. The power-up must be done by sending the
Sleep_OUT command.
After a power-up the display RAM content is undefined.
Neither a hardware reset nor a software reset changes the
data that is stored in the display RAM. Sending display
data must stop 160 ns before issuing a hardware reset,
otherwise the last word written to the display RAM may be
corrupted. The row and column outputs are tied to VSS1
with a reset because power-down (Sleep_IN) is in the
reset state.
Table 4
Reset state after hardware and software reset
COMMAND
DESCRIPTION
RESET STATE
Sleep_IN
PCF8833 is in Sleep_IN mode (booster and display are switched off)
−
INVOFF
display inversion is off
−
BSTRON
when Sleep_OUT is active; booster is switched on
−
DISPON
when Sleep_OUT is active; display is turned on
−
TEOFF
tearing effect line pulse is turned off
−
IDMOFF
Idle mode is turned off (4 kbyte colour mode, not 8-colour mode)
−
NORON
Normal mode is active, not Scroll or Partial mode
−
V
RAM write in X direction
0
MY
no mirror Y
0
RGB
colour order is RGB
0
MX
no mirror X
0
LAO
line address order (top to bottom)
0
BRS
bottom rows are not mirrored; note 1
0
TRS
top rows are not mirrored; note 1
0
FINV
super frame inversion is on
1
DOR
normal data order
0
TCDFE
DF temperature compensation switched on
1
TCVOPE
VOP temperature compensation switched on
1
EC
internal oscillator
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More