| Zakładka z wyszukiwarką danych komponentów |
|
PCF88331 Arkusz danych(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF88331 Arkusz danych(HTML) 41 Page - NXP Semiconductors |
|
41 / 112 page ![]() 2003 Feb 14 41 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 6.2.24.4 Effect of LAO on scroll modes An example of when the PCF8833 is working in the non-rolling Scroll mode (TF + SA + BF = 132) with the Line Address Order (LAO) bit set to logic 1, is illustrated in Fig.20. The Scroll modes described in Sections 6.2.24.1 and 6.2.24.2 also work on the same principle when the LAO bit is set to logic 1. handbook, full pagewidth 0 1 2 3 4 5 8 6 7 10 9 126 129 130 131 127 128 123 124 125 BF = 8 TF = 8 BF = 8 SA − 2 = 114 TF = 8 RAM (132 x 132) display (132 x 130) MGU929 SEP[7:0] SEP+3 SEP−1 0 0 1 2 3 4 7 SEP 5 6 127 130 131 131 128 129 124 9 8 123 125 126 2 buffer rows Fig.20 The non-rolling Scroll mode (TF + SA + BF = 132); with LAO = 1. |