| Zakładka z wyszukiwarką danych komponentów |
|
A1635-2R5475-R Arkusz danych(PDF) 1 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
A1635-2R5475-R Arkusz danych(HTML) 1 Page - Cooper Bussmann, Inc. |
|
1 / 2 page ![]() Not for New Designs See HV Series, Data Sheet 4376 Description Cooper Bussmann® PowerStor® supercapacitors are unique, ultra-high capacitance devices utilizing electrochemical double layer capacitor (EDLC) construction combined with new, high performance materials. This combination of advanced technologies allows Cooper Bussmann to offer a wide variety of capacitor solutions tailored to specific applications that range from a few micro-amps for several days to several amps for milliseconds. Supercapacitors A Series 1207 BU-SB07352 Page 1 of 2 Data Sheet 4302 Cylindrical Device Features & Benefits • Very low ESR • Low leakage current • Long cycle life • High useable capacity • Very high specific capacitance also available (B Series) Applications • Pulse power • Hold-up power • DC/DC converters • Hybrid battery packs • Valve / solenoid actuation Standard Products Nominal Part Nominal ESR ( Ω) Nominal Dimensions (mm) Typical Mass Capacitance Number (Equivalent Series Resistance) (grams/1 piece) (F) Measured @ 1kHz Diameter Length 0.47 A0820-2R5474-R 0.150 8 20 1.8 1.0 A1020-2R5105-R 0.090 10 20.5 2.6 1.5 A1030-2R5155-R 0.060 10 30 3.8 4.7 A1635-2R5475-R 0.025 16 35 10.7 Specifications Working Voltage 2.5V Surge Voltage 3.0V Nominal Capacitance Range 0.47 to 4.7F Capacitance Tolerance -20% to +80% (20°C) Operating Temperature Range -25°C to 70°C Performance Parameter Capacitance Change ESR (% of initial measured value) (% of initial specified value) Life (1000 hrs @ 70°C @ 2.5Vdc) < 30 < 300 Storage - Low and High Temperature < 30 < 300 (1000 hrs @ -25°C and 70°C) |
Podobny numer części - A1635-2R5475-R |
|
Podobny opis - A1635-2R5475-R |