Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSN6004Z Arkusz danych(PDF) 4 Page - MORE Semiconductor Company Limited

Numer części MSN6004Z
Szczegółowy opis  600V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORESEMI [MORE Semiconductor Company Limited]
Strona internetowa  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN6004Z Arkusz danych(HTML) 4 Page - MORE Semiconductor Company Limited

  MSN6004Z Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN6004Z Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN6004Z Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN6004Z Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN6004Z Datasheet HTML 5Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MORE Semiconductor Company Limited
http://www.moresemi.com
4/5
MSN6004Z
Qg, Total Gate Charge (nC)
Figure 7. Gate Charge
VDS, Drain-Source Voltage (V)
Figure 8. Maximum Safe
Operating Area
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Square Wave Pulse Duration (sec)
Figure 11. Normalized Thermal Transient Impedance Curve
10
1
10
2
10
0
10
3
10
1
10
0
10
-1
10ms
1ms
DC
100ms
RDS(ON)Limit
Single Pulse
TC=25 C
TJ=175 C
10
-2
10
8
6
4
2
0
0
2
4
6
10
8
VDS=480V
ID=4A
10
0
10
-1
10
-2
10
0
10
1
10
-1
10
-2
10
-3
10
-4
10
-5
PDM
t1
t2
1. RθJA (t)=r (t) * RθJA
2. RθJA=See Datasheet
3. TJM-TA = P* RθJC (t)
4. Duty Cycle, D=t1/t2
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
Qg, Total Gate Charge (nC)
Figure 7. Gate Charge
VDS, Drain-Source Voltage (V)
Figure 8. Maximum Safe
Operating Area
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Square Wave Pulse Duration (sec)
Figure 11. Normalized Thermal Transient Impedance Curve
10
1
10
2
10
0
10
3
10
1
10
0
10
-1
10ms
1ms
DC
100ms
RDS(ON)Limit
Single Pulse
TC=25 C
TJ=175 C
10
-2
10
8
6
4
2
0
0
2
4
6
10
8
VDS=480V
ID=4A
10
0
10
-1
10
-2
10
0
10
1
10
-1
10
-2
10
-3
10
-4
10
-5
PDM
t1
t2
1. RθJA (t)=r (t) * RθJA
2. RθJA=See Datasheet
3. TJM-TA = P* RθJC (t)
4. Duty Cycle, D=t1/t2
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com