Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2106 Arkusz danych(PDF) 1 Page - XFMRS Inc.

Numer części 2106
Szczegółowy opis  FIBER TO 10BASE-T COMBO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  XFMRS [XFMRS Inc.]
Strona internetowa  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

2106 Arkusz danych(HTML) 1 Page - XFMRS Inc.

  2106 Datasheet HTML 1Page - XFMRS Inc. 2106 Datasheet HTML 2Page - XFMRS Inc. 2106 Datasheet HTML 3Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
Schematic:
FIBER TO 10BASE-T COMBO
Dimensions:
CUT-OFF FREQ.: 17 MHz ±1.5MHz
Insertion Loss (1-10MHz): -1.0dB Maximum
Return Loss (5-10MHz): -15dB Minimum
ATTENUATION:
@25MHz: -5dB Minimum
@30MHz: -10dB Minimum
@40MHz: -16dB Minimum
HYPOT: 1500 Vrms (Input to Output)
Common Mode Rejection: -30dB Minimum @1MHz-100MHz
Crosstalk Attenuation: -30dB Minimum @1MHz-10MHz
HYPOT: 200 Vrms (XMIT to RCV)
SEE PAGES 2 & 3
Electrical Specifications @ 25°C:
NOTES:
The above COMBO is available in 1, 2, 4 or 8 port versions.
Add the number 1, 2, 4 or 8 where the 'x' is in the above part number to indicate number of
ports
PART NUMBER: XF4664-COMBOx-4


Podobny numer części - 2106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
2106 HEYCO-2106 Datasheet
105Kb / 1P
Universal Bushings
logo
Christian Bürkert GmbH ...
2106 BURKERT-2106 Datasheet
831Kb / 14P
Control head for decentralised automation of ELEMENT process valves
07.03.2024
2106 BURKERT-2106 Datasheet
968Kb / 13P
Pneumatic control unit for decentralised automation of process valves ELEMENT
07.03.2024
logo
Belden Inc.
2106 BELDEN-2106 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Sealevel Systems, Inc.
2106 SEALEVEL-2106 Datasheet
237Kb / 2P
USB to 1-Port RS-422 DB9 Serial Interface Adapter
More results

Podobny opis - 2106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
10BASE-T Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
logo
Bel Fuse Inc.
S556-2793-00 BEL-S556-2793-00 Datasheet
223Kb / 2P
10BASE-T/FIBER APPLICATION FILTER MODULE
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
3/08/95
logo
PCA ELECTRONICS INC.
EPE6284G PCA-EPE6284G Datasheet
23Kb / 1P
Fiber to 10Base-T Interface Module
EPE6333G PCA-EPE6333G Datasheet
22Kb / 1P
10Base-T/Fiber Interface Module
logo
XFMRS Inc.
XF10BASEB-C1-2S XFMRS-XF10BASEB-C1-2S Datasheet
68Kb / 2P
10Base-T COMBO
XF20063C XFMRS-XF20063C_10 Datasheet
43Kb / 1P
10BASE-T FILTER
XF10BASEB-C1-2S XFMRS-XF10BASEB-C1-2S Datasheet
68Kb / 2P
10Base-T COMBO
XF10BASE-C1-4S XFMRS-XF10BASE-C1-4S_15 Datasheet
68Kb / 2P
10Base-T FILTER COMBO
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com