| Zakładka z wyszukiwarką danych komponentów |
|
TMS320VC5502 Arkusz danych(PDF) 92 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5502 Arkusz danych(HTML) 92 Page - Texas Instruments |
|
92 / 189 page ![]() www.ti.com TMS320VC5502 Fixed-Point Digital Signal Processor SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004 3.12.2.4 Parallel GPIO Enable Register 1 (PGPIOEN1) 15 14 13 12 11 10 9 8 IO31EN IO30EN IO29EN IO28EN IO27EN IO26EN IO25EN IO24EN R/W, 0 R/W, 0 R/W, 0 R/W, 0 R/W, 0 R/W, 0 R/W, 0 R/W, 0 7 6 5 4 3 2 1 0 IO23EN IO22EN IO21EN IO20EN IO19EN IO18EN IO17EN IO16EN R/W, 0 R/W, 0 R/W, 0 R/W, 0 R/W, 0 R/W, 0 R/W, 0 R/W, 0 LEGEND: R = Read, W = Write, n = value at reset Figure 3-37. Parallel GPIO Enable Register 1 Layout (0x4403) Table 3-40. Parallel GPIO Enable Register 1 Bit Field Description (1) BIT NAME BIT NO. ACCESS RESET VALUE DESCRIPTION IOxEN 15-0 R/W 0000000000000000 Enable or disable GPIO function of the corresponding I/O pins. See Table 3-36, TMS320VC5502 PGPIO Cross-Reference. • IOxEN = 0: GPIO function of corresponding signal is disabled, i.e., the pin goes into a high-impedance state. • IOxEN = 1: GPIO function of corresponding signal is enabled, i.e., the signal supports its GPIO function. (1) x = value from 16 to 31 92 Functional Overview |